Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 173 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 173 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 169Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 170Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 171Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 172Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 173Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 174Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 175Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 176Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 177Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 173 of 232
significant degradation of the receiver
performance.
Soft decision is used at the chip level, i.e.
the demodulator does not make a decision
for each chip, only for each received
symbol. De-spreading is performed using
over-sampling symbol correlators. Symbol
synchronization
is
achieved
by
a
continuous start of frame delimiter (SFD)
search.
When an SFD is detected, data is written
to the RXFIFO and may be read out by the
CPU at a lower bit rate than the 250 kbps
generated by the receiver.
The
CC2430 demodulator also handles
symbol rate errors in excess of 120 ppm
without
performance
degradation.
Resynchronization
is
performed
continuously to adjust for error in the
incoming symbol rate.
The RF register MDMCTRL1H.CORR_THR
control bits should be written to 20 to set
the threshold for detecting IEEE 802.15.4
start of frame delimiters.
Digital
IF Channel
Filtering
ADC
Digital
Data
Filtering
Frequency
Offset
Compensation
Symbol
Correlators and
Synchronisation
RSSI
Generator
I / Q Analog
IF signal
Data
Symbol
Output
RSSI
Average
Correlation
Value (may be
used for LQI)
Figure 44: Demodulator Simplified Block Diagram
14.12 Frame Format
CC2430 has hardware support for parts of
the IEEE 802.15.4 frame format. This
section gives a brief summary to the IEEE
802.15.4 frame format, and describes how
CC2430 is set up to comply with this.
Figure 45 [1] shows a schematic view of
the IEEE 802.15.4 frame format. Similar
figures describing specific frame formats
(data
frames,
beacon
frames,
acknowledgment
frames
and
MAC
command frames) are included in [1].
Figure 45: Schematic view of the IEEE 802.15.4 Frame Format [1]
14.13 Synchronization header
The
synchronization
header
(SHR)
consists
of
the
preamble
sequence
followed by the start of frame delimiter
(SFD). In [1], the preamble sequence is
defined to be four bytes of 0x00. The SFD
is one byte, set to 0xA7.
In
CC2430, the preamble length and SFD is
configurable. The default values are
PHY
Layer
Frame
Control Field
(FCF)
Data
Sequence
Number
2
1
Bytes:
Address
Information
0 to 20
Frame payload
n
Frame Check
Sequence
(FCS)
2
MAC Header (MHR)
MAC Payload
MAC Footer
(MFR)
Frame
Length
MAC Protocol
Data Unit
(MPDU)
Start of frame
Delimiter
(SFD)
Bytes:
1
1
5 + (0 to 20) + n
Preamble
Sequence
4
Synchronisation Header
(SHR)
PHY Header
(PHR)
PHY Service Data Unit
(PSDU)
PHY Protocol Data Unit
(PPDU)
11 + (0 to 20) + n
MAC
Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com