Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 175 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 175 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 171Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 172Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 173Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 174Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 175Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 176Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 177Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 178Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 179Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 175 of 232
14.15 MAC protocol data unit
The FCF, data sequence number and
address information follows the length field
as shown in Figure 45. Together with the
MAC data payload and Frame Check
Sequence, they form the MAC Protocol
Data Unit (MPDU).
The format of the FCF is shown in Figure
47. Please refer to [1] for details.
There is no hardware support for the data
sequence number, this field must be
inserted and verified by software.
CC2430
includes
hardware
address
recognition, as described in the Address
Recognition section on page 177.
Bits: 0-2
3
4
5
6
7-9
10-11
12-13
14-15
Frame
Type
Security
Enabled
Frame
Pending
Acknowledge
request
Intra
PAN
Reserved
Destination
addressing
mode
Reserved
Source
addressing
mode
Figure 47: Format of the Frame Control Field (FCF) [1]
14.16 Frame check sequence
A 2-byte frame check sequence (FCS)
follows the last MAC payload byte as
shown in Figure 45. The FCS is calculated
over the MPDU, i.e. the length field is not
part of the FCS. This field is automatically
generated and verified by hardware when
the RF register MDMCTRL0L.AUTOCRC
control bit is set. It is recommended to
always have this enabled, except possibly
for debug purposes. If cleared, CRC
generation and
verification
must be
performed by software.
The FCS polynomial is [1]:
x
16 + x12 + x5 + 1
The
CC2430 hardware implementation is
shown in Figure 48. Please refer to [1] for
further details.
In transmit mode the FCS is appended at
the correct position defined by the length
field. The FCS is not written to the
TXFIFO, but stored in a separate 16-bit
register.
In receive mode the FCS is verified by
hardware. The user is normally only
interested in the correctness of the FCS,
not the FCS sequence itself. The FCS
sequence itself is therefore not written to
the RXFIFO during receive.
Instead, when MDMCTRL0L.AUTOCRC is
set the two FCS bytes are replaced by the
RSSI value, average correlation value
(used for LQI) and CRC OK/not OK. This
is illustrated in Figure 49.
The first FCS byte is replaced by the 8-bit
RSSI value. See the RSSI section on page
181 for details.
The seven least significant bits in the last
FCS byte are replaced by the average
correlation value of the 8 first symbols of
the received PHY header (length field) and
PHY Service Data Unit (PSDU). This
correlation value may be used as a basis
for calculating the LQI. See the Link
Quality Indication section on page 182 for
details.
The most significant bit in the last byte of
each frame is set high if the CRC of the
received
frame
is
correct
and
low
otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com