Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 178 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 178 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 174Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 175Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 176Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 177Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 178Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 179Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 180Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 181Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 182Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 178 of 232
14.19 Acknowledge Frames
CC2430 includes hardware support for
transmitting
acknowledge
frames,
as
specified in [1]. Figure 50 shows the
format of the acknowledge frame.
If MDMCTRL0L.AUTOACK is enabled, an
acknowledge frame is transmitted for all
incoming frames accepted by the address
recognition with the acknowledge request
flag set and a valid CRC. AUTOACK
therefore does not make sense unless
also ADDR_DECODE and AUTOCRC are
enabled. The sequence number is copied
from the incoming frame.
Frame
Control Field
(FCF)
Data
Sequence
Number
2
1
Frame Check
Sequence
(FCS)
2
MAC Header (MHR)
MAC Footer
(MFR)
Frame
Length
Start of Frame
Delimiter
(SFD)
Bytes:
1
1
Preamble
Sequence
4
Synchronisation Header
(SHR)
PHY Header
(PHR)
Figure 50: Acknowledge frame format [1]
Two
command
strobes,
SACK
and
SACKPEND
are
defined
to
transmit
acknowledge frames with the frame
pending field cleared or set, respectively.
The
acknowledge
frame
is
only
transmitted if the CRC is valid.
For systems using beacons, there is an
additional timing requirement that the
acknowledge frame transmission may be
started on the first backoff-slot boundary
(20 symbol periods) at least 12 symbol
periods after the last symbol of the
incoming frame. When the RF register
control bit MDMCTRL1H.SLOTTED_ACK is
set to 1, the acknowledge frame is
transmitted between 12 and 30 symbol
periods after the incoming frame. The
timing is defined such that there is an
integer number of 20-symbol period
backoff-slots between the incoming packet
SFD and the transmitted acknowledge
frame SFD. This timing is also illustrated in
Figure 51.
Using SACKPEND will set the pending data
flag
for
automatically
transmitted
acknowledge frames using AUTOACK. The
pending flag will then be set also for future
acknowledge
frames,
until
a
SACK
command strobe is issued. The pending
data flag that is transmitted will be logically
OR’ed
with
the
value
of
FSMTC1.PENDING_OR. Thus the pending
flag can be set high using this register
control bit.
Acknowledge frames may be manually
transmitted
using
normal
data
transmission if desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com