Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 181 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 181 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 177Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 178Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 179Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 180Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 181Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 182Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 183Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 184Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 185Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 181 of 232
14.21 MAC Security Operations (Encryption and Authentication)
CC2430 features hardware IEEE 802.15.4
MAC security operations. Refer to section
13.9 on page 135 for a description of the
AES encryption unit.
14.22 Linear IF and AGC Settings
C2430 is based on a linear IF chain where
the signal amplification is done in an
analog VGA (variable gain amplifier). The
gain of the VGA is digitally controlled.
The AGC (Automatic Gain Control) loop
ensures that the ADC operates inside its
dynamic range by using an analog/digital
feedback loop.
The AGC characteristics are set through
the AGCCTRLL:AGCCTRLH, registers. The
reset values should be used for all AGC
control registers.
14.23 RSSI / Energy Detection
CC2430 has a built-in RSSI (Received
Signal Strength Indicator) giving a digital
value that can be read form the 8 bit,
signed 2’s complement RSSIL.RSSI_VAL
register bits.
The RSSI value is always averaged over 8
symbol periods (128 µs), in accordance
with [1].
The RSSI register value RSSI.RSSI_VAL
can be referred to the power P at the RF
pins by using the following equations:
P = RSSI_VAL + RSSI_OFFSET [dBm]
where
the
RSSI_OFFSET
is
found
empirically during system development
from the front end gain. RSSI_OFFSET is
approximately –45. E.g. if reading a value
of –20 from the RSSI register, the RF
input power is approximately –65 dBm.
A typical plot of the RSSI_VAL reading as
function of input power is shown in Figure
53. It can be seen from the figure that the
RSSI reading from
CC2430 is very linear
and has a dynamic range of about 100 dB.
-60
-40
-20
0
20
40
60
-100
-80
-60
-40
-20
0
RF Level [dBm]
Figure 53: Typical RSSI value vs. input power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com