Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 185 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 185 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 181Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 182Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 183Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 184Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 185Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 186Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 187Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 188Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 189Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 185 of 232
Figure 54: Single carrier output
14.30.2 Modulated spectrum
The
CC2430 has a built-in test pattern
generator that can generate a pseudo
random
sequence
using
the
CRC
generator. This is enabled by setting
MDMCTRL1L.TX_MODE to 3 and issuing a
STXON command strobe. The modulated
spectrum is then available on the RF pins.
The low byte of the CRC word is
transmitted and the CRC is updated with
0xFF for each new byte. The length of the
transmitted data sequence is 65535 bits.
The transmitted data-sequence is then:
[synchronization header] [0x00, 0x78,
0xb8, 0x4b, 0x99, 0xc3, 0xe9, …]
Since a synchronization header (preamble
and SFD) is transmitted in all TX modes,
this test mode may also be used to
transmit a known pseudorandom bit
sequence for bit error testing. Please note
that
CC2430
requires
symbol
synchronization,
not
only
bit
synchronization, for correct reception.
Packet error rate is therefore a better
measurement
for
the
true
RF
performance.
Another option to generate a modulated
spectrum is to fill the TXFIFO with pseudo-
random
data
and
set
MDMCTRL1L.TX_MODE to 2. CC2430 will
then
transmit
data
from
the
FIFO
disregarding a TXFIFO underflow. The
length of the transmitted data sequence is
then 1024 bits (128 bytes).
A plot of the modulated spectrum from
CC2430 is shown in Figure 55. Note that to
find the output power from the modulated
spectrum, the RBW must be set to 3 MHz
or higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com