Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32 Datasheet(PDF) 186 Page - Texas Instruments

Part # CC2430-RTR1-F32
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32 Datasheet(HTML) 186 Page - Texas Instruments

Back Button CC2430-RTR1-F32 Datasheet HTML 182Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 183Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 184Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 185Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 186Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 187Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 188Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 189Page - Texas Instruments CC2430-RTR1-F32 Datasheet HTML 190Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 186 of 232
Figure 55: Modulated spectrum plot
14.31 System
Considerations
and
Guidelines
14.31.1 SRD regulations
International regulations and national laws
regulate the use of radio receivers and
transmitters. SRDs (Short Range Devices)
for license free operation are allowed to
operate in the 2.4 GHz band worldwide.
The most important regulations are ETSI
EN 300 328 and EN 300 440 (Europe),
FCC CFR-47 part 15.247 and 15.249
(USA), and ARIB STD-T66 (Japan).
14.31.2 Frequency hopping and multi-
channel systems
The 2.4 GHz band is shared by many
systems both in industrial, office and home
environments.
CC2430
uses
direct
sequence spread spectrum (DSSS) as
defined by [1] to spread the output power,
thereby making the communication link
more robust even in a noisy environment.
With
CC2430 it is also possible to combine
both DSSS and FHSS (frequency hopping
spread spectrum) in a proprietary non-
IEEE 802.15.4 system. This is achieved by
reprogramming the operating frequency
(see
the
Frequency
and
Channel
Programming section on page 183) before
enabling
RX
or
TX.
A
frequency
synchronization scheme must then be
implemented within the proprietary MAC
layer to make the transmitter and receiver
operate on the same RF channel.
14.31.3 Data burst transmissions
The data buffering in
CC2430 lets the user
have a lower data rate link between the
CPU and the radio module than the RF bit
rate of 250 kbps. This allows the CPU to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com