Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49CV7 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT49CV7
Description  A/D With VFD Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV7 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT49CV7 Datasheet HTML 1Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 2Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾ fSYS=4MHz
2.2
¾
5.5
V
¾ fSYS=8MHz
3.3
¾
5.5
V
VEE
VFD Supply Voltage
¾¾
0
¾
VDD
-30
V
IDD1
Operating Current (Crystal OSC)
3V
No load, ADC off, VFD off,
fSYS=4MHz
¾
2.0
3.0
mA
5V
¾
5.0
8.0
mA
IDD2
Operating Current (RC OSC)
3V
No load, ADC off, VFD off,
fSYS=4MHz
¾
1.8
2.7
mA
5V
¾
4.6
7.5
mA
IDD3
Operating Current
(fSYS=32768Hz)
3V
No load, ADC off, VFD off
¾
1.2
2
mA
5V
¾
47
mA
IDD4
Operating Current (Crystal OSC)
3V
No load, ADC off, VFD on,
fSYS=4MHz
¾¾¾
mA
5V
¾¾¾
mA
ISTB1
Standby Current (*fS=T1)
3V
No load, system HALT
VFD off at HALT
¾¾
1
mA
5V
¾¾
2
mA
ISTB2
Standby Current
(*fS=32768Hz OSC)
3V
No load, system HALT
VFD off at HALT
¾
410
mA
5V
¾
14
20
mA
VIL1
Input Low Voltage for I/O Ports,
TMR and INT
3V
¾
0
¾
0.2VDD
V
5V
VIH1
Input High Voltage for I/O Ports,
TMR and INT
3V
¾
0.8VDD
¾
VDD
V
5V
VIL2
Input Low Voltage (RES)
3V
¾
0
¾
0.4VDD
V
5V
VIH2
Input High Voltage (RES)
3V
¾
0.9VDD
¾
VDD
V
5V
IOL
I/O Port Segment Logic Output
Sink Current
3V
VOL=0.1VDD
612
¾
mA
5V
10
25
¾
mA
IOH1
I/O Port Segment Logic Output
Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
-5
-8
¾
mA
IOH2
Segment/Grid Source Current
5V
VOH=VDD
-2V
-15
¾¾
mA
RPH
Pull-high Resistance of I/O Ports
and INT0, INT1
3V
¾
40
60
80
k
W
5V
¾
10
30
50
k
W
VLVR
Low Voltage Reset Voltage
¾
LVR voltage 3.0V option
2.7
3.0
3.3
V
LVR voltage 3.8V option
3.5
3.8
4.0
V
VAD
A/D Input Voltage
¾¾
0
¾
VDD
V
EAD
A/D Conversion Error
3V
¾¾
±0.5
±1
LSB
5V
IADC
Additional Power Consumption
if A/D Converter is Used
3V
No load
¾
0.5
1
mA
5V
¾
1.5
3
mA
Note:
²*fS² Refer to WDT clock option
HT49RV7/HT49CV7
Rev. 1.00
5
April 20, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com