Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49CV7 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT49CV7
Description  A/D With VFD Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV7 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT49CV7 Datasheet HTML 18Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 19Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 20Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 21Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 22Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 23Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 24Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 25Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
HT49RV7/HT49CV7
Rev. 1.00
22
April 20, 2006
- Disable: SCK, SDI, SCS floating, SDO output
high
¨ Bit 3 (MLS): MSB or LSB (1/0) shift first control bit
¨ Bit 2 (CSEN): serial bus selection signal enable/dis-
able (SCS), when CSEN=0, SCS is floating
¨ Bit 1 (WCOL): this bit is set to 1 if data is written to
SBDR (TXRX buffer) when data is transferred
®
writing will be ignored if data is written to SBDR
(TXRX buffer) when data is transferred
¨ Bit 0 (TRF): data transferred or data received
®
used to generate interrupt
Note: data receiving is still working when the MCU
enters the HALT mode
· SBDR: Serial bus data register
¨ Data written to SBDR
® write data to TXRX buffer
only
¨ Data read from SBDR
® read from SBDR only
¨ Operating Mode description
- Master transmitter: clock sending and data I/O
started by writing SBDR
- Master clock sending started by writing SBDR
- Slave transmitter: data I/O started by clock re-
ceived
- Slave receiver: data I/O started by clock received
Clock Polarity=Rising Edge or Falling Edge
(Configuration Option)
· Serial interface operation
¨ Master mode operation
Step1: Select CKS and select M1, M0 = 00, 01, 10
Step2: Select CSEN, MLS (the same as the slave)
Step3: Set SBEN
Step4: Writing data to SBDR
- data is stored in TXRX buffer
- output SCK and SCS signals
- go to step 5
Note: SIO internal operation:
* data stored in TXRX buffer, and SDI data
is shifted into TXRX buffer
* data transferred, data in TXRX buffer is
latched into SBDR
Step5: Check WCOL
- WCOL= 1, clear WCOL and go to step 4
- WCOL= 0, go to step 6
Step6: Check TRFor waiting for serial bus interrupt
Step7: Read data from SBDR
Step8: Clear TRF
Step9: Go to step 4
M L S
S B D R
( R e c e i v e d D a t a R e g i s t e r )
D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0
D a t a B u s
M
U
X
M
U
X
S D O B u f f e r
S D O
S D I
S B E N
M
U
X
A N D , S t a r t
S B E N
E N
I n t e r n a l B a u d R a t e C l o c k
S C K
C l o c k P o l a r i t y
M a s t e r
o r
S l a v e
A N D , S t a r t
E N
S B E N
M a s t e r o r S l a v e
C S E N
S C S
C 0
C 1
C 2
I n t e r n a l B u s y F l a g
S B E N
W r i t e S B D R
W r i t e S B D R E n a b l e / D i s a b l e
T D R F
A N D
W r i t e S B D R
W C O L F l a g
A N D , S t a r t
SIO Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com