Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49CV7 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT49CV7
Description  A/D With VFD Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV7 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT49CV7 Datasheet HTML 16Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 17Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 18Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 19Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 20Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 21Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 22Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 23Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
HT49RV7/HT49CV7
Rev. 1.00
20
April 20, 2006
applied to PA3 by options. No matter what the operation
mode is, writinga0to ET0I or ET1I disables the related
interrupt service. When the PFD function is selected, ex-
ecuting
²SET [PA].3² instruction will enable the PFD
output and executing
²CLR [PA].3² instruction will dis-
able the PFD output.
In the case of timer/event counter OFF condition, writing
data to the timer/event counter preload register also re-
loads that data to the timer/event counter. But if the
timer/event counter is turned on, data written to the
timer/event counter is kept only in the timer/event coun-
ter preload register. The timer/event counter still contin-
ues its operation until an overflow occurs.
When the timer/event counter (reading TMR0/TMR1) is
read, the clock is blocked to avoid errors, as this may re-
sults in a counting error. Blocking of the clock should be
taken into account by the programmer. It is strongly rec-
ommended to load a desired value into the TMR0/TMR1
register first, before turning on the related timer/event
counter, for proper operation since the initial value of the
TMR0/TMR1 is unknown. Due to the timer/event coun-
ter scheme, the programmer should pay special atten-
tion on the instruction to enable then disable the timer
for the first time, whenever there is a need to use the
timer/event counter function, to avoid unpredictable re-
sult. After this procedure, the timer/event function can
be operated normally.
Bits 2~0 of the TMR0C can be used to define the
pre-scaling stages of the internal clock sources of the
timer/event counter. The definitions are as shown. The
overflow signal of the timer/event counter can be used
to generate the PFD signal. The timer prescaler is also
used as the PWM counter.
Remote Control Timer
- RMT
The HT49RV7/HT49CV7 provides an 8-bit remote con-
trol timer that has a pulse width measurement function.
Pulse width is measured from a difference in count value
when the valid edge (RMT pin) has been detected while
the timer operates in the running mode.
N o i s e R e j e c t i o n
R i s i n g E d g e
D e t e c t i o n
R e m o t e C o n t r o l T i m e r
C a p t u r e R e g i s t e r
R M T 0 ( 2 2 H )
8 - b i t T i m e r C o u n t e r
R e m o t e C o n t r o l T i m e r
C a p t u r e R e g i s t e r
R M T 1 ( 2 3 H )
N o i s e R e j e c t i o n
F a l l i n g E d g e
D e t e c t i o n
P r e - s c a l e r
f X / 2 5 ~ f X / 2 8
4 - 1 M U X
R M S 1 R M S 0
R M E
M
U
X
f X
R M C S
f S Y S
f S Y S / 4
R M T
L a t c h
L a t c h
I n t e r r u p t ( R M T 0 F )
I n t e r r u p t ( R M T 1 F )
C l e a r
O v e r f l o w ( R M T V F )
Remote Control Timer
Bit No.
Label
Function
0
¾
Unused bit, read as
²0²
1
ERMT0
Controls the remote control timer rising edge interrupt (1=enable; 0=disable)
2
ERMT1
Controls the remote control timer falling edge interrupt (1=enable; 0=disable)
3
ERMTV
Controls the remote control timer overflow interrupt (1=enable; 0=disable)
4
RME
Controls the remote control timer (1=enable; 0=disable)
1=enable & start counting; 0=disable & clear the counter to 0
5
RMCS
Selects the remote control timer clock source fX (1=fSYS; 0=fSYS/4)
6~7
RMS0
RMS1
Selects the remote control timer clock
00=fX/2
5
01= fX/2
6
10= fX/2
7
11= fX/2
8
RMTC (21H) Register
Note: The RMT pin with rising/falling edge wake-up function, 8-bit timer counter will be cleared during a chip reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com