Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49CV7 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT49CV7
Description  A/D With VFD Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV7 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT49CV7 Datasheet HTML 1Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 2Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Pin Name
I/O
Options
Description
PD4/INT0
PD5/INT1
PD6/TMR0
PD7/TMR1
I/O
Pull-high
Bidirectional 4-bit input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt trigger input with or without a pull-high resistor
(determined by pull-high option: bit option). Pins PD4~PD7 are pin-shared
with INT0, INT1, TMR0 & TMR1, respectively (determined by software con-
trol).
RMT
I
Pull-high
RMT with wake-up function (both rising and falling edge) and Schmitt trigger
input with or without a pull-high resistor (determined by pull-high option).
VSS
¾¾
Negative power supply, ground
VEE
¾¾
VFD Negative power supply
SEG0~SETG10
O
¾
High-voltage segment output for VFD panel.
SEG11/Grid10~
SEG15/Grid6
O
¾
High-voltage output for VFD panel. These pins are selectable for segment or
grid output.
Grid0~Grid5
O
¾
High-voltage grid output for VFD panel.
SDI
I
¾
Serial interface serial data input
SDO
O
¾
Serial interface serial data output
SCK
I/O
¾
Serial interface serial clock input/output (initial
²input²).
SCS
I/O
¾
Serial interface chip select pin, output for master mode, input for slave mode.
OSC4
OSC3
O
I
RTC or
System Clock
Real time clock oscillators. OSC3 and OSC4 are connected to a 32768Hz
crystal oscillator for timing purposes or to a system clock source (depending
on the options). No built-in capacitor.
VDD
¾¾
Positive power supply
OSC2
OSC1
O
I
Crystal or RC
OSC1 and OSC2 are connected to an RC network or a crystal (by options) for
the internal system clock. For RC operation, OSC2 is an output pin for 1/4
system clock.
The system clock may come from the RTC oscillator. If the system clock co-
mes from RTCOSC, these two pins can be left floating.
RES
I
¾
Schmitt trigger reset input, active low
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT49RV7/HT49CV7
Rev. 1.00
4
April 20, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com