Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49CV7 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT49CV7
Description  A/D With VFD Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV7 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT49CV7 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 9Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 10Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 11Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 12Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
HT49RV7/HT49CV7
Rev. 1.00
9
April 20, 2006
lated instructions require two cycles to complete the
operation. These areas may function as normal pro-
gram memory depending upon user
¢s requirements.
Stack Register
- STACK
The stack register is a special part of the memory used
to save the contents of the Program Counter. The stack
is organized into 16 levels and is neither part of the data
nor part of the program, and is neither readable nor
writeable. Its activated level is indexed by a stack
pointer (SP) and is neither readable nor writeable. At the
start of a subroutine call or an interrupt acknowledg-
ment, the contents of the Program Counter is pushed
onto the stack. At the end of the subroutine or interrupt
routine, signaled by a return instruction (RET or RETI),
the contents of the Program Counter is restored to its
previous value from the stack. After a chip reset, the SP
will point to the top of the stack.
If the stack is full and a non-masked interrupt takes
place, the interrupt request flag is recorded but the ac-
knowledgment is still inhibited. Once the SP is decre-
mented (by RET or RETI), the interrupt is serviced. This
feature prevents stack overflow, allowing the program-
mer to use the structure easily. Likewise, if the stack is
full, and a
²CALL² is subsequently executed, a stack
overflow occurs and the first entry is lost (only the most
recent sixteen return addresses are stored).
Data Memory
- RAM
The data memory (RAM) has a capacity of 426
´8 bits,
and is divided into two functional groups, namely; spe-
cial function registers (42
´8 bit) and general purpose
data memory (Bank 0, 2: each RAM bank contains
192
´8 bits) most of which are readable/writeable, but
some are read only. The special function registers are
overlapped in any banks.
The special function registers consist of an Indirect ad-
dressing register 0 (00H), a Memory pointer register 0
(MP0;01H), an Indirect addressing register 1 (02H), a
Memory pointer register 1 (MP1;03H), a Bank pointer
(BP;04H), an Accumulator (ACC;05H), a Program coun-
ter lower-order byte register (PCL;06H), a Table pointer
(TBLP;07H), a Table higher-order byte register
(TBLH;08H), a Real time clock control register
(RTCC;09H), a Status register (STATUS;0AH), an Inter-
rupt control register 0 (INTC0;0BH), a Timer/Event
Counter 0 (TMR0H:0CH; TMR0L:0DH), a Timer/Event
Counter 0 control register (TMR0C;0EH), a Timer/Event
Counter 1 (TMR1H:0FH;TMR1L:10H), a Timer/Event
Counter 1 control register (TMR1C; 11H), Interrupt con-
trol register 1 (INTC1;1EH), Serial bus control register
(SBCR;1FH), Serial bus data register (SBDR; 20H), Re-
mote Timer control register (RMTC;21H), Multi-function
interrupt status register 3 (MFIS;29H), PWM data regis-
ter (PWM0;1AH, PWM1;1BH, PWM2;1CH, PWM3;
1DH), the A/D result lower-order byte register
(ADRL;24H), the A/D result higher-order byte register
(ADRH;25H), the A/D control register (ADCR;26H), the
A/D clock setting register (ACSR;27H), VFD control reg-
ister (VFDC; 28H), I/O registers (PA;12H, PB;14H,
PC;16H, PD;18H) and I/O control registers (PAC;13H,
PBC;15H, PCC;17H, PDC;19H).
S p e c i a l P u r p o s e
D a t a M e m o r y
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
: U n u s e d
R e a d a s " 0 0 "
2 0 H
2 1 H
2 2 H
2 3 H
2 4 H
2 5 H
2 6 H
2 7 H
2 8 H
2 9 H
3 0 H
3 F H
G e n e r a l P u r p o s e
D a t a M e m o r y
( 1 9 2 B y t e s X 2 B a n k )
F F H
4 0 H
I n d i r e c t A d d r e s s i n g R e g i s t e r 0
M P 0
I n d i r e c t A d d r e s s i n g R e g i s t e r 1
M P 1
B P
A C C
P C L
T B L P
T B L H
R T C C
S T A T U S
I N T C 0
T M R 0 H
T M R 0 L
T M R 0 C
T M R 1 H
T M R 1 L
T M R 1 C
P A
P A C
P B
P B C
P C
P C C
P D
P D C
P W M 0
P W M 1
P W M 2
P W M 3
I N T C 1
S B C R
S B D R
R M T C
R M T 0
R M T 1
A D R L
A D R H
A D C R
A C S R
V F D C
M F I S
RAM Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com