Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49CV7 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT49CV7
Description  A/D With VFD Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV7 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT49CV7 Datasheet HTML 20Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 21Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 22Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 23Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 24Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 25Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 26Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 27Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
HT49RV7/HT49CV7
Rev. 1.00
24
April 20, 2006
the output signal in output mode of PA0/PA1 will be the
buzzer signal generated by the multi-function timer. The
input mode always remains in its original function. Once
the BZ/BZ option is selected, the buzzer output signal
are controlled by the PA0/PA1 data register only.
The I/O function of PA0/PA1 are shown below.
PA0 I/O
I
I
OOOOOOOO
PA1 I/O
I
O
I
I
I
OOOOO
PA0 Mode
X
X
C
B
B
C
BBBB
PA1 Mode
X
C
X
X
X
C C C
B
B
PA0 Data
X
X
D
0
1 D0 0101
PA1 Data
X
D
X
X
X D1 D D
X
X
PA0 Pad Status
I
I
D
0
B D0 0B0B
PA1 Pad Status
I
D
I
I
I D1 DD 0 B
Note:
²I² input; ²O² output
²D, D0, D1² Data
²B² buzzer option, BZ or BZ
²X² don¢t care
²C² CMOS output
The PB port can also be used as A/D converter inputs.
The A/D function will be described later. There is a func-
tion shared with PD0/PD1/PD2/PD3. If the PWM func-
tion is enabled, the PWM0/PWM1/PWM2/PWM3 signal
will appear on PD0/PD1/PD2/PD3 (if PD0/PD1/
PD2/PD3 is operating in the output mode). Writing a
²1²
to PD0~PD3 data register will enable the PWM output
function and writing a
²0² will force the PD0~PD3 to re-
main at
²0². The I/O functions of PD0/PD1/PD2/PD3 are
as shown.
I/O
Mode
I/P
(Normal)
O/P
(Normal)
I/P
(PWM)
O/P
(PWM)
PD0
PD1
PD2
PD3
Logical
Input
Logical
Output
Logical
Input
PWM0
PWM1
PWM2
PWM3
It is recommended that unused or not bonded out I/O
lines should be set as output pins by software instruc-
tions to avoid consuming power under input floating
state.
PWM
The microcontroller provides a 4 channel and (6+2)/
(7+1) (dependent on options) bits PWM output shared
with PD0/PD1/PD2/PD3. The PWM channels have their
data registers denoted as PWM0 (1AH), PWM1 (1BH),
PWM2 (1CH) and PWM3 (1DH). The frequency source
of the PWM counter comes from fSYS. The PWM regis-
ters are two 8-bit registers. The waveforms of PWM out-
puts are as shown. Once the PD0/PD1/PD2/PD3 are
selected as the PWM outputs and the output function of
PD0/PD1/PD2/PD3 are enabled (PDC.0/PDC.1/
PDC.2/PDC.3=
²0²), writing ²1² to PD0/PD1/PD2/PD3
data register will enable the PWM output function and
writing
²0² will force the PD0/PD1/PD2/PD3 to remain
at
²0².
A (6+2) bits mode PWM cycle is divided into four modu-
lation cycles (modulation cycle 0~modulation cycle 3).
Each modulation cycle has 64 PWM input clock period.
In a (6+2) bit PWM function, the contents of the PWM
V D D
M
U
X
M
U
X
P F D E N
( P A 3 )
O P 0 ~ O P 7
S y s t e m W a k e - u p
( P A o n l y )
R e a d D a t a R e g i s t e r
C o n t r o l B i t
P u l l - h i g h
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
P A 0 / B Z
P A 1 / B Z
P A 2
P A 3 / P F D
P A 4 ~ P A 7
P B 0 / A N 0 ~ P B 7 / A N 7
P C 0 ~ P C 7
P D 0 / P W M 0
P D 1 / P W M 1
P D 2 / P W M 2
P D 3 / P W M 3
P D 4 / I N T 0
P D 5 / I N T 1
P D 6 / T M R 0
P D 7 / T M R 1
I N T 0 f o r P D 4 o n l y
I N T 1 f o r P D 5 o n l y
T M R 0 f o r P D 6 o n l y
T M R 1 f o r P D 7 o n l y
P A 0 / P A 1 / P A 3 / P D 0 / P D 1 / P D 2 / P D 3
B Z / B Z / P F D / P W M 0 / P W M 1 / P W M 2 / P W M 3
D
Q
C K
S
Q
D
Q
C K
S
Q
Input/Output Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com