Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49CV7 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT49CV7
Description  A/D With VFD Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV7 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT49CV7 Datasheet HTML 1Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 2Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
HT49RV7/HT49CV7
A/D With VFD Type 8-Bit MCU
Rev. 1.00
1
April 20, 2006
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.3V~5.5V
· 32 bidirectional I/O lines (PA, PB, PC, PD)
· Two external interrupt inputs
· Two 16-bit programmable timer/event counters with
PFD (programmable frequency divider) function
· One 8-bit Remote Control Timer (RMT)
· Single channel serial interface
· VFD driver with 11´11 segments
(16-segment & 4-grid to 11-segment & 11-grid)
· 8K´16 program memory
· 192´8´2 data memory RAM
· Supports PFD for sound generation
· Real Time Clock (RTC); 32768Hz, with quick start-up
control bit
· 8-bit prescaler for RTC
· Watchdog Timer
· Buzzer output
· On-chip crystal, RC and 32768Hz crystal oscillator
· HALT function and wake-up feature reduce power
consumption
· 16-level subroutine nesting
· 8-channel 10-bit resolution A/D converter
· 4-channel 8-bit PWM output shared with 4 I/O lines
· LVR function with enable/disable function
· PA with wake-up function (mask option)
· Bit manipulation instruction
· 16-bit table read instruction
· Up to 0.5ms instruction cycle with 8MHz system clock
· 63 powerful instructions
· All instructions in 1 or 2 machine cycles
· 100-pin QFP package
General Description
The HT49RV7/HT49CV7 are 8-bit high performance
single chip MCUs. Their single cycle instruction and
2-stage pipeline architecture make them suitable for
high speed applications. As the devices include an VFD
driver they are suitable for use in products which require
a front panel for their operation such as DVDs, VCDs,
Mini-component audio systems, cassette decks, tuners,
CD players, other home appliances, etc.
The HT49RV7 is under development and will be avail-
able soon.
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0077E HT49CVX Remote Control Receiver SWIP Design Note
- HA0078E HT49CVX Display SWIP Design Note


Similar Part No. - HT49CV7

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49CV3 HOLTEK-HT49CV3 Datasheet
714Kb / 47P
Remote Control Receiver SWIP
2005-07-12
HT49CV3 HOLTEK-HT49CV3 Datasheet
334Kb / 44P
VFD Type 8-Bit MCU
March 20, 2007
HT49CV5 HOLTEK-HT49CV5 Datasheet
376Kb / 48P
A/D With VFD Type 8-Bit MCU
April 14, 2006
HT49CV9 HOLTEK-HT49CV9 Datasheet
350Kb / 48P
A/D With VFD Type 8-Bit MCU
April 20, 2006
More results

Similar Description - HT49CV7

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R63 HOLTEK-HT46R63 Datasheet
328Kb / 44P
A/D with LCD Type 8-Bit MCU
May 17, 2004
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
A/D Type 8-Bit MCU
November 23, 2005
HT49RV5 HOLTEK-HT49RV5 Datasheet
376Kb / 48P
A/D With VFD Type 8-Bit MCU
April 14, 2006
HT49RV9 HOLTEK-HT49RV9 Datasheet
350Kb / 48P
A/D With VFD Type 8-Bit MCU
April 20, 2006
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
A/D Type 8-Bit MCU
March 23, 2007
HT49RV3 HOLTEK-HT49RV3 Datasheet
334Kb / 44P
VFD Type 8-Bit MCU
March 20, 2007
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46R065V HOLTEK-HT46R065V Datasheet
465Kb / 72P
24V VFD Type 8-Bit OTP MCU
October 20, 2009
HT48R065V HOLTEK-HT48R065V Datasheet
397Kb / 61P
24V VFD Type 8-Bit OTP MCU
October 20, 2009
HT46RU66 HOLTEK-HT46RU66_11 Datasheet
436Kb / 63P
A/D Type 8-Bit MCU with LCD
May 26, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com