Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49CV7 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT49CV7
Description  A/D With VFD Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV7 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT49CV7 Datasheet HTML 9Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 10Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 11Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 12Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 13Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 14Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 15Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 16Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
HT49RV7/HT49CV7
Rev. 1.00
13
April 20, 2006
interrupt bit (ET0I), enable external interrupt 1 bit (EEI1),
enable external interrupt 0 bit (EEI0), and enable master
interrupt bit (EMI) constitute the Interrupt Control regis-
ter 0 (INTC0) which is located at 0BH in the RAM.
The multi-function interrupt request flag (MFF), serial in-
terface interrupt request flag (TDRF), Timer/Event
Counter 1 interrupt request flag (T1F), enable
multi-function interrupt (EMFI), enable serial interface
interrupt bit (ESBI), and enable Timer/Event Counter 1
interrupt bit (ET1I), constitute the Interrupt Control regis-
ter 1 (INTC1) which is located at 1EH in the RAM.
The enable Remote control timer rising edge interrupt
(ERMT0), enable Remote control timer falling edge in-
terrupt (ERMT1), enable Remote control timer overflow
interrupt (ERMTV), enable Remote control timer start
counting (RME), select the Remote control timer clock
source (RMCS), and select the Remote control timer
clock (RMS0, RMS1) constitute the Remote Timer con-
trol Register (RMTC) which is located at 21H in the
RAM.
EMI, EEI0, EEI1, ET0I, ET1I, SBEN, ERTI,
EMFI,ERMT0 and ERMT1 are all used to control the en-
able/disable status of interrupts. These bits prevent the
requested interrupt from being serviced. Once the inter-
rupt request flags (MFF, TDRF, T0F, T1F, EIF1, EIF0)
are all set, they remain in the INTC0~INTC1 respec-
tively until the interrupts are serviced or cleared by a
software instruction.
It is recommended that a program should not use the
²CALL subroutine² within the interrupt subroutine. This
is because interrupts often occur in an unpredictable
manner or require to be serviced immediately in some
applications. During that period, if only one stack is left,
and enabling the interrupt is not well controlled, opera-
tion of the
²CALL² in the interrupt subroutine may dam-
age the original control sequence.
Oscillator Configuration
The HT49RV7/HT49CV7 provides three oscillator cir-
cuits for system clocks, i.e., RC oscillator, crystal oscilla-
tor and 32768Hz crystal oscillator, determined by
options. No matter what type of oscillator is selected, the
signal is used for the system clock. The HALT mode
stops the system oscillator (RC and crystal oscillator
only) and ignores external signals so as to conserve
power. The 32768Hz crystal oscillator still runs in the
HALT mode. If the 32768Hz crystal oscillator is selected
as the system oscillator, the system oscillator is not
stopped but the instruction execution is stopped. Since
the 32768Hz oscillator is also designed for timing pur-
poses, the internal timing (RTC, WDT) operation still
runs even if the system enters the HALT mode.
Of the three oscillators, if the RC oscillator is used, an
external resistor between OSC1 and VSS is required,
and the range of the resistance should be from 24k
W to
1M
W. The system clock, divided by 4, is available on
OSC2 with pull-high resistor, which can be used to syn-
chronize external logic. The RC oscillator provides the
most cost effective solution. However, the frequency of
the oscillation may vary with VDD, temperature, and the
chip itself due to process variations. It is therefore not
suitable for timing sensitive operations where accurate
oscillator frequency is desired.
On the other hand, if the crystal oscillator is selected, a
crystal across OSC1 and OSC2 is needed to provide the
feedback and phase shift for the oscillator, and no other
external components are required. A resonator may be
connected between OSC1 and OSC2 to replace the
crystal and to get a frequency reference, but two exter-
nal capacitors on OSC1 and OSC2 are required.
There is another oscillator circuit designed for the real
time clock. In this case, only a 32768Hz crystal oscillator
can be applied. The crystal should be connected be-
tween OSC3 and OSC4.
The RTC oscillator circuit can be controlled to start-up
quickly by setting the
²QOSC² bit (bit 4 of RTCC). It is
recommended to turn on the quick start-up function dur-
ing power-on, and then turn it off after 2 seconds.
The WDT oscillator is a free running on-chip RC oscilla-
tor and no external components are required. Although
the system enters the power down mode, the system
clock stops and the WDT oscillator still works with a pe-
riod of approximately 65
ms at 5V. The WDT oscillator
can be disabled by options so as to conserve power.
C r y s t a l O s c i l l a t o r
R C O s c i l l a t o r
O S C 1
O S C 1
O S C 2
f S Y S / 4
O S C 2
3 2 7 6 8 H z C r y s t a l / R T C O s c i l l a t o r
O S C 3
O S C 4
V D D
4 7 0 p F
V D D
System Oscillator
Note: *32768Hz crystal enable condition: For WDT clock source or for system clock source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com