Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49CV7 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT49CV7
Description  A/D With VFD Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV7 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT49CV7 Datasheet HTML 25Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 26Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 27Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 28Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 29Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 30Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 31Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 32Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
HT49RV7/HT49CV7
Rev. 1.00
29
April 20, 2006
VFD Display Control Register
- VFDC
Bit No.
Label
Function
2~0
VGS2~
VGS0
Selects the VFD display mode
000= 4 grids, 16 segments
001= 5 grids, 16 segments
010= 6 grids, 16 segments
011= 7 grids, 15 segments
100= 8 grids, 14 segments
101= 9 grids, 13 segments
110= 10 grids, 12 segments
111= 11 grids, 11 segments
3
¾
Unused bit, read as
²0²
4
VFDE
Controls the VFD display
(1=enable; 0=disable)
7~5
VDM2~
VDM0
Sets the VFD dimming quantity
000= set pulse width to 1/16.
001= set pulse width to 2/16.
010= set pulse width to 4/16.
011= set pulse width to 10/16.
100= set pulse width to 11/16.
101= set pulse width to 12/16.
110= set pulse width to 13/16.
111= set pulse width to 14/16.
VFDC (28H) Register
At power-on initial, the 11-grid, 11-segment & 1/16 pulse
width are set and the VFD display is disabled.
VFD clock source may come from the RTC or the sys-
tem clock/4 (fSYS/4), if the fSYS/4 is selected to be the
VFD clock source, when the system is in the HALT
mode, the H/W should automatically turn the VFD off.
Low Voltage Reset
There is a low voltage reset circuit (LVR) implemented in
the microcontroller. This function can be enabled/dis-
abled by options.
The LVR has the same effect or function with the exter-
nal RES signal which performs a chip reset. During
HALT state, the LVR is disabled.
Options
The following shows the configuration options in the HT49RV7/HT49CV7. All these options should be defined in order
to ensure a properly functioning system.
Options
OSC type selection. This option is to determine if an RC or crystal or 32768Hz crystal oscillator is chosen as the sys-
tem clock.
WDT clock source selection. There are three types of selections: system clock/4 or RTC OSC or WDT OSC
VFD, RTC and Buzzer clock source selection. There are two types of selections: system clock/4 or RTC OSC
WDT enable/disable selection. WDT can be enabled or disabled by option.
WDT time-out period selection. There are four types of selection: WDT clock source divided by fS/2
12~f
S/2
13,
fS/2
13~f
S/2
14,f
S/2
14~f
S/2
15 or f
S/2
15~f
S/2
16
CLR WDT times selection. This option defines the method to clear the WDT by instruction.
²One time² means that
the
²CLR WDT² instruction can clear the WDT. ²Two times² means only if both of the ²CLR WDT1² and ²CLR WDT2²
instructions have been executed, the WDT can be cleared.
Buzzer output frequency selection. There are eight types of frequency signals for buzzer output: Clock/2~Clock/2
8
²Clock² means the clock source selected by options.
Wake-up selection. This option defines the wake-up capability. External I/O pins (PA only) all have the capability to
wake-up the chip from a HALT by a falling edge. (bit option)
Pull-high selection.
This option is to determine whether the pull-high resistance is viable or not in the input mode of the I/O ports. PA, PB,
PC and PD can be independently selected. (bit option)
RMT Pull-high selection. This option is to determine whether a pull-high resistance is viable or not in the input pin.
I/O pins shared with other function selections.
PA0/BZ, PA1/BZ: PA0 and PA1 can be set as I/O pins or buzzer outputs
PA3/PFD: PA3 can be set as I/O pins or PFD output
VFD driver clock selection. There are seven types of frequency signals for the VFD driver circuits: fS/2
0~f
S/2
7.
²FS² stands for the clock source selection by options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com