Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49CV7 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT49CV7
Description  A/D With VFD Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV7 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT49CV7 Datasheet HTML 12Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 13Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 14Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 15Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 16Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 17Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 18Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 19Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
HT49RV7/HT49CV7
Rev. 1.00
16
April 20, 2006
flags, are located in the status register and are con-
trolled by various microcontroller operations such as the
HALT function or Watchdog Timer. The reset flags are
shown in the table:
TO
PDF
RESET Conditions
0
0
RES reset during power-up
u
u
RES reset during normal operation
0
1
RES Wake-up HALT
1
u
WDT time-out during normal operation
1
1
WDT Wake-up HALT
Note:
²u² stands for unchanged
To ensure that the system oscillator is started and stabi-
lized, the SST (System Start-up Timer) provides an ex-
tra delay of 1024 system clock pulses when the system
awakes from the HALT state or during power-on.
An extra SST delay is added during the power-on pe-
riod, and any wake-up from HALT may enable only the
SST delay.
The functional unit chip reset status is shown below.
Program Counter
000H
Interrupt
Disabled
Prescaler, Divider
Cleared
WDT, RTC, Remote
Control Timer
Cleared. After a master reset,
WDT starts counting
Timer/Event Counter Off
Input/Output Ports
Input mode
Stack Pointer
Points to the top of the stack
R E S
V D D
1 0 0 k W
1 0 k W
0 . 1 m F *
0 . 0 1 m F *
Reset Circuit
Note:
²*² Make the length of the wiring, which is con-
nected to the RES pin as short as possible, to
avoid noise interference.
R E S
V D D
S S T T i m e - o u t
C h i p R e s e t
t S S T + t O P D
Reset Timing Chart
W D T
H A L T
W D T
T i m e - o u t
R e s e t
E x t e r n a l
R E S
C o l d
R e s e t
P o w e r - o n D e t e c t i o n
S S T
1 0 - b i t R i p p l e
C o u n t e r
O S C 1
W a r m R e s e t
Reset Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com