Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G07DBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07DBVR
Description  LAUNCHXL-F28379D Overview
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G07DBVR Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC2G07DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
{
{
{
XDS100v2 On-Board
Debug Probe
Enables JTAG debugging/
programming as well as provides serial
communication back to the PC. The XDS100
can also provide power to the target MCU.
40-pin BoosterPack Connectors
(J1, J2, J3, and J4)
ADC-D Differential Pair Inputs
(J21)
Optional SMA Jacks
(J19 and J20)
Power Jumpers
(JP4 and JP5)
High-density EMIF Connector
(Bottom)(J9)
On-Board 5V Enable Jumper
(JP3)
CAN Interface w/ Transceiver
(J12)
Dual 5V Quadrature Interfaces
(J14 and J15)
40-pin BoosterPack Connectors
(J5, J6, J7, and J8)
TMS320F28379D
Microcontroller
(U1)
Reset
(S3)
Boot Configuration Switches
(S1)
Power & User LEDs
(D1, D9, and D10)
Electrically Isolated PC Interface
When power to the F28379D device is
supplied externally through the
BoosterPack headers, JP1, JP2, and JP3
may be removed to enable electrical
isolation of the board from the PC.
www.ti.com
Kit Contents
3
SPRUI77C – August 2016 – Revised March 2019
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
LAUNCHXL-F28379D Overview
Figure 1. LAUNCHXL-F28379D Board Overview
2
Kit Contents
The LAUNCHXL-F28379D LaunchPad kit includes the following items:
•
C2000 Delfino LaunchPad Board (LAUNCHXL-F28379D)
•
Mini USB-B Cable, 0.5m
•
Quick Start Guide
2.1
Revisions
The first production revision of the LAUNCHXL-F28379D in 2016 was Revision 1.1. In late 2017 the
LAUNCHXL-F28379D revision changed from 1.1 to 2.0 to fix various issues and make improvements to
the design.
All Revisions:
•
Resistor R7 in the oscillator circuit is incorrectly placed or should not be installed. This resistor may
impact startup time or robustness of the clocking circuit over the full operating range of the MCU or
different physical layouts of this circuit. The probability is low that this resistor will have any impact on
the functionality of this EVM as is not intended to be operated outside of Standard Temperature and
Pressure in a lab or prototype environment. Do not use this circuit as reference. Follow the
requirements for the Oscillator schematic as documented in the MCU Datasheet.
•
The SCIA pins routed to the XDS100 v2 are not valid SCI boot mode pins. In addition, the other boot-
able SCI pins are not routed to any external connector. In other words, this LaunchPad is not capable
of using the Boot to SCI boot mode. The TMDSCNCD28379D can be used to evaluate this feature.
Revision 1.1:
•
ADCINA2 is shorted to VREFHIB. It is recommended that users avoid using the ADCINA2 channel.
•
The VIN+ signal of component U1 may be shorted to ADCINB4 and/or ADCINC4 due to variance in
manufacturing tolerances. No issues have been reported, but the clearances violate manufacturing
rules and a short may occur.
•
The silkscreen for the ADC channels on J3 and J7 are mixed up and some may be incorrect.
Reference the schematic for the proper pin positions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com