Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G07DBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07DBVR
Description  LAUNCHXL-F28379D Overview
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G07DBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC2G07DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 9Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 10Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 11Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 12Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 13Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Power management
Micro USB type B
FT2232H
TMS320F28379D-NFBGA
BoosterPack 1 Connector
LEDS
CAN
SERIAL 1&2
Sheet 2
Sheet 3
Sheet 7
Sheet 2
BoosterPack 2 Connector
QEP Connector
Note: NI = Not Install
Sheet 10
Sheet 6
Sheet 6
Sheet 10
Sheet 5
REV
DATA
NOTE
REV1.0
20151210
ORIGINAL RELEASED
DF40C-60DP-0.4V
Sheet 7
REV1.1
20160415
-Changed value for R11/R52 from 560m to 100m
-Swap pin connection for J3&J7
-Replace U19&U11 with OPA350
-Changed value for R38/R39 from 330R to 820R
REV2.0
20170426
-Add 5V connector J16
-Changed R1/R26/R27/R38/R39/R46 from 820R to 680R
-Replace D1/D4 with 150080VS75000
-Replace D7/D10 with 150080BS75000
-Replace D8/D9 with 150080SS75000
-Changed C40 from 1nF to 180pF
-Changed "PGND" to "GND" in CAN connector J12
-Changed GPIO29/40/41/52/104/105 route in page 9
-Connect U13.6 to U1.2
-Changed R60/R61 from 4K02 to 10K
-Add R79 connect U2.8 to GND
-Add C84/C85
-Changed C23/C38 from 2.2uf to 22uf
Copyright © 2017, Texas Instruments Incorporated
LAUNCHXL-F28379D Hardware
www.ti.com
10
SPRUI77C – August 2016 – Revised March 2019
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
LAUNCHXL-F28379D Overview
6.2
Schematics
The following figures show the LAUNCHXL-F28379D Rev 2.0 schematic. The schematics for both
LAUNCHXL-F28379D Revision 2.0 and Revision 1.1 are located in C2000Ware.
Figure 2. P01_Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com