Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G07DBVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07DBVR
Description  LAUNCHXL-F28379D Overview
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G07DBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LVC2G07DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 9Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 10Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 11Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 12Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
www.ti.com
LAUNCHXL-F28379D Hardware
9
SPRUI77C – August 2016 – Revised March 2019
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
LAUNCHXL-F28379D Overview
(1)
For full pin muxing table for functions shown here and additional mux options, see the TMS320F2837xD Dual-Core Delfino™
Microcontrollers Data Manual.
(2)
This signal is also routed to the IO expansion header, J9. For information on how to configure this signal, see Section 5.5.
Table 7. F28379D LaunchPad Pin Out and Pin Mux Options - J5, J7
Mux Value
J5
Pin
J7
Pin
Mux Value
X
2
1
0
0
Alt Function
2
X
3.3V
41
61
5V
GPIO95
42
62
GND
SCIRXDC(1)
GPIO139
43
63
ADCIN15
CMPIN4N
SCITXDC(1)
GPIO56
44
64
ADCINC5
CMPIN5N
GPIO97
45
65
ADCINB5
GPIO94
46
66
ADCINA5
CMPIN2N
SPICLKB(1)
GPIO65
47
67
ADCINC4
CMPIN5P
GPIO52(2)
48
68
ADCINB4
SCLB(1)
GPIO41(2)
49
69
ADCINA4
CMPIN2P
SDAB(1)
GPIO40(2)
50
70
ADCINA1
DACOUTB
(1)
For full pin muxing table for functions shown here and additional mux options, see the TMS320F2837xD Dual-Core Delfino™
Microcontrollers Data Manual.
Table 8. F28379D LaunchPad Pin Out and Pin Mux Options - J8, J6
Mux Value
J8
Pin
J6
Pin
Mux Value
X
2
1
0
0
1
2
X
EPWM4A
GPIO6
80
60
GND
EPWM4B
GPIO7
79
59
GPIO66
EPWM5A
GPIO8
78
58
GPIO131
SD2_C1(1)
EPWM5B
GPIO9
77
57
GPIO130
SD2_D1(1)
EPWM6A
GPIO10
76
56
RST
EPWM6B
GPIO11
75
55
GPIO63
SPISIMOB(1)
OUTPUTXBAR3(1)
GPIO14
74
54
GPIO64
SPISOMIB(1)
OUTPUTXBAR4(1)
GPIO15
73
53
GPIO26
SD2_D2(1)
DAC3
72
52
GPIO27
SD2_C2(1)
DAC4
71
51
GPIO25
OUTPUTXBAR2(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com