Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G07DBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07DBVR
Description  LAUNCHXL-F28379D Overview
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G07DBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC2G07DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 9Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 10Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 11Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 12Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 13Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 14Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Mini USB
2K2
1%
R31
100nF
C16
93LC56BT-I/OT
CLK
4
DO
1
DI
3
CS
5
U8
FT2232HQ-REEL
VREGIN
50
USBDM
7
USBDP
8
REF
6
RESET#
14
OSCI
2
OSCO
3
EECS
63
EECLK
62
EEDATA
61
TEST
13
PWREN#
60
SUSPEND#
36
BCBUS3
54
BCBUS2
53
BCBUS1
52
BCBUS0
48
BDBUS7
46
BDBUS6
45
BDBUS5
44
BDBUS4
43
BDBUS3
41
BDBUS2
40
BDBUS1
39
BDBUS0
38
ACBUS3
29
ACBUS2
28
ACBUS1
27
ACBUS0
26
ADBUS7
24
ADBUS6
23
ADBUS5
22
ADBUS4
21
ADBUS3
19
ADBUS2
18
ADBUS1
17
ADBUS0
16
ACBUS4
30
ACBUS5
32
ACBUS6
33
ACBUS7
34
BCBUS4
55
BCBUS5
57
BCBUS6
58
BCBUS7
59
VREGOUT
49
U6
100nF
C14
100nF
C13
100nF
C12
12K
1%
R24
1K
1%
R22
ISO7231CDWR
VCC1
1
VCC2
16
GND1
2
GND1
8
GND2
15
GND2
9
INA
3
INB
4
OUTC
5
NC1
6
EN1
7
EN2
10
OUTA
14
OUTB
13
INC
12
NC2
11
U7
ISO7240CDWR
VCC1
1
VCC2
16
GND1
2
GND1
8
GND2
15
GND2
9
INA
3
INB
4
INC
5
IND
6
NC
7
EN
10
OUTA
14
OUTB
13
OUTC
12
OUTD
11
U5
1K
1%
R23
BLUE
D7
RED
D8
680R
1%
R26
680R
1%
R27
12MHZ
Q3
36pF
5%
C17
36pF
5%
C18
0R
5%
NI
R21
0R
5%
NI
R20
0R
5%
NI
R19
0R
5%
NI
R18
0R
5%
NI
R16
0R
5%
NI
R28
0R
5%
NI
R30
0R
5%
NI
R32
0R
5%
NI
R25
2.54mm 1x2
1
2
JP1
2.54mm 1x2
1
2
JP2
4.7uF
C10
4.7uF
C11
600R
300mA
L2
600R
300mA
L1
0R
5%
R15
0R
5%
R33
TP11
TP12
TP13
TP14
TP15
TP16
TP17
100nF
C43
GREEN
D4
680R
1%
R46
TP30
TPS62162D
SGT
EN
3
FB
5
GND
4
PG
8
PGND
1
SW
7
VIN
2
VOS
6
U17
100K
1%
R47
2.2uH
L7
10K
1%
R12
2.54mm 1x2
1
2
JP3
1
2
3
4
5
CON1
AGND
AGND
AGND
AGND
AGND
GND
GND
AGND
+3V3
+3V3
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
+5V
AGND
AGND
AGND
AGND
+3V3
D-
D-
D+
D+
XUSB
TCK
TDI
TDO
TMS
FTDI_CS
FTDI_CS
FTDI_CLK
FTDI_CLK
FTDI_DATA
FTDI_DATA
PWREN#
SUSPEND#
JTAG_TRST
GPIO42/SCIATX(<-MCU)
GPIO43/SCIARX(->MCU)
USBVCC
FTDI_3V3
USBVCC
USBVCC
FTDI_3V3
FTDI_3V3
FTDI_3V3
FTDI_3V3
FTDI_3V3
FTDI_3V3
FTDI_1V8
FTDI_1V8
AGND
10uF
C44
22uF
C45
3.3uF
C15
500mA
F1
Copyright © 2016, Texas Instruments Incorporated
www.ti.com
LAUNCHXL-F28379D Hardware
11
SPRUI77C – August 2016 – Revised March 2019
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
LAUNCHXL-F28379D Overview
Figure 3. P02_XDS100v2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com