Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G07DBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07DBVR
Description  LAUNCHXL-F28379D Overview
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G07DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC2G07DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 9Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Hardware Configuration
www.ti.com
6
SPRUI77C – August 2016 – Revised March 2019
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
LAUNCHXL-F28379D Overview
5.1
ADC Resolution
The F28379D had 4 independent 16-bit/12-bit ADCs. The resolution of each ADC is SW selectable.
ADCA, ADCB, and ADCC are all routed to the BoosterPack headers for use with different booster packs.
Most BoosterPacks will use the ADC in 12-bit mode which supports Single Ended (SE) inputs. ADCD has
been routed to a special side connector with ability to drive through a differential amplifier to support 16-bit
mode with Differential Ended (DE) inputs.
5.2
Power Domain
The LaunchPad has several different power domains to enable JTAG Isolation. Jumpers JP1, JP2, JP3
control JTAG Isolation, supply GND, 3.3 V and 5 V to the rest of the board. There are also other jumpers
that provide different methods for powering the device.
Table 1 describes the different methods by which 3.3 V can be supplied to the device. It can be derived
from USB in configuration 1. Here, the on-board regulator steps the 5 V from the USB port down to 3.3 V
to be used by the XDS100v2 debug probe as well as connected to the device side of the LaunchPad
through JP1. Configuration 1 is a non-isolated configuration. Alternately, in configuration 2 the debugger
and USB connection are isolated from the device. The 3.3 V source must be provided externally through
the BoosterPack headers or through J10.
Table 1. Supplying the LaunchPad With 3.3 V
Configuration
JP1
JP2
USB
External 3.3 V
JTAG/USB
Isolation Status
1
Yes
Yes
Yes
No
Not Isolated
2
No
No
Don't Care
Yes
Isolated
The LaunchPad also has a 5 V power rail. It can be supplied directly from the USB (not isolated)
generated from a 3.3 V to 5 V step-up regulator through JP6, or supplied externally through the
BoosterPack Headers or J16. Table 2 describes these various configurations.
The debug probe and USB are not isolated in configuration 1 since JP2 and JP3 are connected. The 5 V
supply is coming from the USB directly to the device side of the LaunchPad and can be used to power
other devices connected to the BoosterPack headers. In this configuration, do not connect JP6 as there
may be contention between the 5 V from the USB (JP3) and the 5 V from the on-board step-up regulator,
U12.
Configuration 2 is an isolated configuration where 3.3 V is supplied any way other than through JP1. In
this configuration, JP6 is connected allowing the 3.3 V to be stepped up to 5 V with the on-board step-up
regulator, U12. In this configuration ensure that no other 5 V source is connected to the BoosterPack
headers or through J16.
Configuration 3 is another isolated configuration since JP2 and JP3 are not connected. With JP6
disconnected, 5 V must be supplied through an external connection on the BoosterPack headers or J16.
Notice that this configuration does not rely on the 3.3 V supply being powered to provide the 5 V. To
supply 3.3 V to the device in an isolated configuration, see Table 1.
Table 2. Supplying the LaunchPad With 5 V
Configuration
JP2
JP3
JP6
External 5 V
USB
JTAG/USB
Isolation Status
1
Yes
Yes
No
No
Yes
Not Isolated
2
No
No
Yes
No
Don't Care
Isolated
3
No
No
No
Yes
Don't Care
Isolated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com