Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G07DBVR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07DBVR
Description  LAUNCHXL-F28379D Overview
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G07DBVR Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN74LVC2G07DBVR Datasheet HTML 12Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 13Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 14Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 15Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 16Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 17Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 18Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 19Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
DF40C-60DP-0.4V(51)
A0
2
A1
3
A2
4
A3
5
A4
6
A5
7
A6
8
A7
9
A8
11
A9
12
A10
13
A11
14
A12
15
A13
16
A14
17
A15
18
BUSY
50
CSN
43
D0
21
D1
22
D2
23
D3
24
D4
25
D5
26
D6/SPI_INT
27
D7
28
D8
34
D9
35
D10
36
D11
37
D12
38
D13
39
D14
40
D15
41
E2PROM_LOAD
20
EMIF_INT
49
ETRESETN
60
GND1
1
GND2
10
GND3
19
GND4
29
GND5
42
GND6
51
I2C-SCL
54
I2C-SDA
55
NRD
44
NWR
45
RSVD1
46
RSVD2
58
RSVD3
59
SPI_CLK
31
SPI_SEL
30
SPI_SIMOA
32
SPI_SOMIA
33
SYNC/LATCH0
47
SYNC/LATCH1
48
VCC33A
52
VCC33B
53
VCC33C
56
VCC33D
57
J9
TMS320F28379D
ZWTT
ADCIN14/CMPIN4P
T4
ADCIN15/CMPIN4N
U4
ADCINA0/DACOUTA
U1
ADCINA1/DACOUTB
T1
ADCINA2/CMPIN1P
U2
ADCINA3/CMPIN1N
T2
ADCINA4/CMPIN2P
U3
ADCINA5/CMPIN2N
T3
ADCINB0/VDAC
V2
ADCINB1/DACOUTC
W2
ADCINB2/CMPIN3P
V3
ADCINB3/CMPIN3N
W3
ADCINB4
V4
ADCINB5
W4
ADCINC2/CMPIN6P
R3
ADCINC3/CMPIN6N
P3
ADCINC4/CMPIN5P
R4
ADCINC5/CMPIN5N
P4
ADCIND0/CMPIN7P
T5
ADCIND1/CMPIN7N
U5
ADCIND2/CMPIN8P
T6
ADCIND3/CMPIN8N
U6
ADCIND4
T7
ADCIND5
U7
GPIO0/EPWM1A/SDAA
C8
GPIO1/EPWM1B/MFSRB/SCLA
D8
GPIO2/EPWM2A/OUTPUTXBAR1/SDAB
A7
GPIO3/EPWM2B/OUTPUTXBAR2/MCLKRB/OUTPUTXBAR2/SCLB
B7
GPIO4/EPWM3A/OUTPUTXBAR3/CANTXA
C7
GPIO5/EPWM3B/MFSRA/OUTPUTXBAR3/CANRXA
D7
GPIO6/EPWM4A/OUTPUTXBAR4/EXTSYNCOUT/EQEP3A/CANTXB
A6
GPIO7/EPWM4B/MCLKRA/OUTPUTXBAR5/EQEP3B/CANRXB
B6
GPIO8/EPWM5A/CANTXB/ADCSOCAO/EQEP3S/SCITXDA
G2
GPIO9/EPWM5B/SCITXDB/OUTPUTXBAR6/EQEP3I/SCIRXDA
G3
GPIO10/EPWM6A/CANRXB/ADCSOCBO/EQEP1A/SCITXDB/UPP-WAIT
B2
GPIO11/EPWM6B/SCIRXDB/OUTPUTXBAR7/EQEP1B/UPP-START
C1
GPIO12/EPWM7A/CANTXB/MDXB/EQEP1S/SCITXDC/UPP-ENA
C2
GPIO13/EPWM7B/CANRXB/MDRB/EQEP1I/SCIRXDC/UPP-D7
D1
GPIO14/EPWM8A/SCITXDB/MCLKXB/OUTPUTXBAR3/UPP-D6
D2
GPIO15/EPWM8B/SCIRXDB/MFSXB/OUTPUTXBAR4/UPP-D5
D3
GPIO16/SPISIMOA/CANTXB/OUTPUTXBAR7/EPWM9A/SD1_D1/UPP-D4
E1
GPIO17/SPISOMIA/CANRXB/OUTPUTXBAR8/EPWM9B/SD1_C1/UPP-D3
E2
GPIO18/SPICLKA/SCITXDB/CANRXA/EPWM10A/SD1_D2/UPP-D2
E3
GPIO19/SPISTEA/SCIRXDB/CANTXA/EPWM10B/SD1_C2/UPP-D1
E4
GPIO20/EQEP1A/MDXA/CANTXB/EPWM11A/SD1_D3/UPP-D0
F2
GPIO21/EQEP1B/MDRA/CANRXB/EPWM11B/SD1_C3/UPP-CLK
F3
GPIO22/EQEP1S/MCLKXA/SCITXDB/EPWM12A/SPICLKB/SD1_D4
J4
GPIO23/EQEP1I/MFSXA/SCIRXDB/EPWM12B/SPISTEB/SD1_C4
K4
GPIO24/OUTPUTXBAR1/EQEP2A/MDXB/SPISIMOB/SD2_D1
K3
GPIO25/OUTPUTXBAR2/EQEP2B/MDRB/SPISOMIB/SD2_C1
K2
GPIO26/OUTPUTXBAR3/EQEP2I/MCLKXB/OUTPUTXBAR3/SPICLKB/SD2_D2
K1
GPIO27/OUTPUTXBAR4/EQEP2S/MFSXB/OUTPUTXBAR4/SPISTEB/SD2_C2
L1
GPIO28/SCIRXDA/EM1CS4/OUTPUTXBAR5/EQEP3A/SD2_D3
V11
GPIO29/SCITXDA/EM1SDCKE/OUTPUTXBAR6/EQEP3B/SD2_C3
W11
GPIO30/CANRXA/EM1CLK/OUTPUTXBAR7/EQEP3S/SD2_D4
T11
GPIO31/CANTXA/EM1WE/OUTPUTXBAR8/EQEP3I/SD2_C4
U11
GPIO32/SDAA/EM1CS0
U13
GPIO33/SCLA/EM1RNW
T13
GPIO34/OUTPUTXBAR1/EM1CS2/SDAB
U14
GPIO35/SCIRXDA/EM1CS3/SCLB
T14
GPIO36/SCITXDA/EM1WAIT/CANRXA
V16
GPIO37/OUTPUTXBAR2/EM1OE/CANTXA
U16
GPIO38/EM1A0/SCITXDC/CANTXB
T16
GPIO39/EM1A1/SCIRXDC/CANRXB
W17
GPIO40/EM1A2/SDAB
V17
GPIO41/EM1A3/SCLB
U17
GPIO42/SDAA/SCITXDA/USB0DM
D19
GPIO43/SCLA/SCIRXDA/USB0DP
C19
GPIO44/EM1A4
K18
GPIO45/EM1A5
K19
GPIO46/EM1A6/SCIRXDD
E19
GPIO47/EM1A7/SCITXDD
E18
GPIO48/OUTPUTXBAR3/EM1A8/SCITXDA/SD1_D1
R16
GPIO49/OUTPUTXBAR4/EM1A9/SCIRXDA/SD1_C1
R17
GPIO50/EQEP1A/EM1A10/SPISIMOC/SD1_D2
R18
GPIO51/EQEP1B/EM1A11/SPISOMIC/SD1_C2
R19
U14D
+3V3
+3V3
GND
GPIO93
GPIO92
GPIO69
GPIO70
GPIO71
GPIO72
GPIO73
GPIO74
GPIO75
GPIO76
GPIO77
GPIO78
GPIO79
GPIO80
GPIO81
GPIO82
GPIO83
GPIO85
GPIO86
GPIO87
GPIO88
GPIO89
GPIO100
GPIO101
GPIO102
GPIO103
GPIO105/I2CSCLA/J9
GPIO107
GPIO108
GPIO104/I2CSDAA/J9
GPIO29/J9
GPIO51
GPIO51
GPIO50
GPIO50
GPIO49
GPIO49
GPIO48
GPIO48
GPIO46
GPIO46
GPIO45
GPIO45
GPIO44
GPIO44
GPIO41/I2CSCLB
GPIO41/I2CSCLB
GPIO40/I2CSDAB
GPIO40/I2CSDAB
GPIO39
GPIO39
GPIO38
GPIO38
GPIO37
GPIO37
GPIO36
GPIO36
GPIO52/J9
GPIO33
GPIO32
GPIO32
GPIO31
GPIO31
GPIO30
GPIO30
GPIO34
GPIO34
GPIO47
GPIO47
GPIO43/SCIARX(->MCU)
GPIO42/SCIATX(<-MCU)
GPIO35
GPIO29
GPIO28
GPIO27/SD2CLK2
GPIO14/OPXBAR3
GPIO25/OPXBAR2
GPIO24/OPXBAR1
GPIO23
GPIO22
GPIO21
GPIO20
GPIO19
GPIO18
GPIO16/OPXBAR7
GPIO15/OPXBAR4
GPIO13
GPIO12
GPIO7/PWMOUT4B
GPIO6/PWMOUT4A
GPIO5/PWMOUT3B
GPIO4/PWMOUT3A
GPIO3/PWMOUT2B
GPIO2/PWMOUT2A
GPIO1/PWMOUT1B
GPIO0/PWMOUT1A
ADCIND5
ADCIND4
ADCIND3
ADCIND2
ADCIND1
ADCIND0
ADCINC5/ANALOGIN
ADCINC4/ANALOGIN
ADCINC3/ANALOGIN
ADCINC2/ANALOGIN
ADCINB5/ANALOGIN
ADCINB4/ANALOGIN
ADCINB3/ANALOGIN
ADCINB2/ANALOGIN
ADCINB0
ADCINA5/ANALOGIN
ADCINA4/ANALOGIN
ADCINA3/ANALOGIN
ADCINA2/ANALOGIN
ADCINA1/ANALOGIN(DACB)
ADCINA0/ANALOGIN(DACA)
ADCIN15/ANALOGIN
ADCIN14/ANALOGIN
ADCINB1
GPIO8/PWMOUT5A
GPIO9/PWMOUT5B
GPIO11/PWMOUT6B
GPIO10/PWMOUT6A
GPIO26/SD2D2
GPIO41/I2CSCLB/J9
GPIO41/I2CSCLB/J9
GPIO41/I2CSCLB/J5
GPIO40/I2CSDAB/J9
GPIO40/I2CSDAB/J9
GPIO40/I2CSDAB/J5
GPIO17
0R
5%
R67
0R
5%
NI
R68
0R
5%
NI
R70
0R
5%
R69
GPIO105/I2CSCLA
GPIO104/I2CSDAA
GPIO105/I2CSCLA/J9
GPIO105/I2CSCLA/J1
GPIO104/I2CSDAA/J9
GPIO104/I2CSDAA/J1
0R
5%
R71
0R
5%
NI
R72
0R
5%
NI
R74
0R
5%
R73
GPIO52
GPIO29
GPIO52/J9
GPIO52/J5
GPIO29/J9
GPIO29/OPXBAR6
0R
5%
R75
0R
5%
NI
R76
0R
5%
NI
R78
0R
5%
R77
Copyright © 2017, Texas Instruments Incorporated
LAUNCHXL-F28379D Hardware
www.ti.com
16
SPRUI77C – August 2016 – Revised March 2019
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
LAUNCHXL-F28379D Overview
Figure 10. P09_F28379_IO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com