Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G07DBVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07DBVR
Description  LAUNCHXL-F28379D Overview
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G07DBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC2G07DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 9Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 10Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
www.ti.com
Hardware Configuration
7
SPRUI77C – August 2016 – Revised March 2019
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
LAUNCHXL-F28379D Overview
5.3
Boot Mode Selection
The LaunchPad's F28379D device includes a boot ROM that performs some basic start-up checks and
allows for the device to boot in many different ways. Most users will either want to perform an emulation
boot or a boot to flash (if they are running the application standalone). Switch S1 has been provided to
allow users to easily configure the pins that the bootROM checks to make this decision. The positions on
S1 correspond to those shown in Table 3.
Table 3. Positions of Signals Present on Switch S1
Positions
Function
1
GPIO84
2
GPIO72
3
TRSTn
Keep in mind that the debug probe does not connect if the device is not in the emulation boot mode
(TRST switch in the UP-1 position). More information about boot mode selection can be found in the Boot
ROM section of the TMS320F2837xD Dual-Core Delfino Microcontrollers Technical Reference Manual.
5.4
Connecting a BoosterPack
The F2837xD LaunchPad is the perfect experimenter board to start hardware development with the
F2837xD devices. All of the connectors are aligned in a 0.1-in (2.54-mm) grid to allow easy and
inexpensive development of add on boards called BoosterPacks. These satellite boards can access all of
the GPIO and analog signals. The pinout of the connectors can be found in Section 5.
5.5
GPIO Routing Between BoosterPack and I/O Expansion Headers
This LaunchPad has a high-density connector (J9) on the backside of the board. This connector provides
for an IO expansion board to be connected. Many of the EMIF1 signals are available as well as SPI and
I2C. Some of the signals present on J9 are also available on the BoosterPack expansion headers.
On Revision 1.x LaunchPads, only two signals were dual-mapped to both J9 and the BoosterPack
Headers, GPIO40 and GPIO41. To select the destination, the three-position jumpers, J11 and J13, could
be adjusted accordingly. Placing the jumper between position 1 and position 2 will route the signal to J9.
Placing the jumper between position 2 and position 3 will route the signal to the BoosterPack headers.
On revision 2.0 LaunchPads, in addition to GPIO40 and GPIO41, four more signals may be routed to
either the BoosterPack headers or J9 independently, or may be connected to both based on the
placement of 0Ω resistors. By default, the signals are only routed to the BoosterPack headers for
alignment with the BoosterPack standards. Table 4 provides the mapping for each signal and which
resistors populate in order to route the signal as desired. Refer to the schematic at the end of this
document in Section 6.2,or located in the C2000Ware directory.
Table 4. Revision 2.0: Resistor Selection for Routing Dual-Mapped Signals
GPIO
Route to BoosterPack Headers
Route to J9 Header
GPIO29
R75
R76
GPIO40
R67
R68
GPIO41
R69
R70
GPIO52
R77
R78
GPIO104
R71
R72
GPIO105
R73
R74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com