Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G07DBVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07DBVR
Description  LAUNCHXL-F28379D Overview
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G07DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LVC2G07DBVR Datasheet HTML 9Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 10Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 11Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 12Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 13Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 14Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 15Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 16Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
PWM_DAC
RED
D9
BLUE
D10
SN74LVC2G07DBVR
1A
1
2A
3
2Y
4
1Y
6
U9
680R
1%
R38
680R
1%
R39
1K
1%
R36
1K
1%
R37
1K
1%
R40
1K
1%
R41
100nF
C33
100nF
C34
100nF
C35
100nF
C36
100nF
C24
+3V3
+3V3
+3V3
GND
GND
GND
GND
GND
GND
GPIO34
PWM/BASED/DAC1
PWM/BASED/DAC2
PWM/BASED/DAC3
PWM/BASED/DAC4
GPIO157
GPIO158
GPIO31
GPIO159
GPIO160
Copyright © 2017, Texas Instruments Incorporated
TP21
TP22
TP23
TP24
2K
1%
R56
2K
1%
R57
12R
5%
R58
49R9
1%
R59
49R9
1%
R62
2K
1%
R63
2K
1%
R64
12R
5%
R65
THS4531IDGKR
U1
GND
GND
GND
GND
+3V3
GND
GND
+3V3
GND
GND
GND
ADCIND5
ADCIND4
ADCIND0
ADCIND1
ADCIND2
ADCIND3
180pF
C40
220nF
C83
100pF
C20
100pF
C82
1uF
C21
2.54mm 2x4
1
2
3
4
5
6
7
8
J21
VREF
SMA-J-P-H-ST-EM1
NI
J19
SMA-J-P-H-ST-EM1
NI
J20
10K
1%
R60
10K
1%
R61
VOCM
Copyright © 2017, Texas Instruments Incorporated
www.ti.com
LAUNCHXL-F28379D Hardware
13
SPRUI77C – August 2016 – Revised March 2019
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
LAUNCHXL-F28379D Overview
Figure 5. P04_ADCIND
Figure 6. P05_PWM-DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com