Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G07DBVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07DBVR
Description  LAUNCHXL-F28379D Overview
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G07DBVR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC2G07DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
www.ti.com
Getting Started With the LAUNCHXL-F28379D
5
SPRUI77C – August 2016 – Revised March 2019
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
LAUNCHXL-F28379D Overview
4
Getting Started With the LAUNCHXL-F28379D
4.1
Getting Started
The first time the LAUNCHXL-F28379D board is powered-on a demo application will automatically start.
Connect the LAUNCHXL-F28379D to a free USB port using the included mini-USB cable. The demo
application will start with LEDs D9 and D10 blinking to show the device is active. If your board does not
start the demo application, try setting switch S1 in the following positions and resetting the board: 1-UP, 2-
UP, 3-DOWN.
4.2
Demo Application, ADC Sampling
The LAUNCHXL-F28379D includes a pre-programmed TMS320F28379D device. When the LaunchPad is
powered via USB, the demo starts with an LED blink sequence. After a few seconds the device switches
into an ADC sample mode.
Every 1 second the ADC samples pin ADCIN14 and the sampled data is represented as follows: If the
sample is above mid-scale (2048), the blue LED D10 will illuminate. If the sample is below mid-scale, the
red LED D9 will illuminate.
In addition to the LED indicators, ADC sample information is also displayed on your PC through the
USB/UART connection. To view the UART information on your PC, first determine the COM port
associated with the LaunchPad. To do this in Windows, right click on My Computer and click on
Properties. In the dialog box that appears, click on the Hardware tab and open Device Manager. Look for
an entry under Ports (COM & LPT) titled "USB Serial Port (COMX)", where X is a number. Remember this
number for when you open a serial terminal. The demo applications UART data was written and debugged
using PuTTY, and for the best user experience we recommend you use PuTTY to view the UART data.
PuTTY can be downloaded from the following URL:
http://www.chiark.greenend.org.uk/~sgtatham/putty/download.html
Open your serial terminal program and open the COM port you found previously in device manager with
the following settings: 115200 Baud, 8 data bits, no parity, 1 stop bit. After opening the serial port in your
serial terminal, reset the LaunchPad with the reset push button S3 and observe the serial terminal to see
the TI logo in ASCII art.
4.3
Program and Debug the ADC Sample Demo Application
The project and associated source code for the C2000 Delfino LaunchPad demo is included in the
C2000Ware software package and should automatically be found by the TI Resource Explorer in Code
Composer Studio. In the resource explorer, navigate C2000Ware to find the
device_support\f2837xd\examples folder. Expand this item and LAUNCHXL-F28379D, then select the
LaunchPad Demo Application. Follow the steps in the main pane of the resource explorer to import, build,
debug, and run this application.
4.4
Using Other C2000Ware Examples
Including the LaunchPad demo example described above, C2000Ware provides many examples
demonstrating a majority of the features of the F2837x MCU. Most examples are configured by default to
use the TMDSCNDC28379D ControlCARD, which has a different on-board clocking circuit. As such, some
examples may not work as intended without minor modification. To make this easier on the designer,
compiler switch has been added to automatically pick the proper clock configuration based on adding
"_LAUNCHXL_F28379D" as a predefined symbol in the project properties. Refer to Section 8for more
information on how and where to define this symbol.
5
Hardware Configuration
The F28379D LaunchPad provides users with several options for configuring the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com