Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G07DBVR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07DBVR
Description  LAUNCHXL-F28379D Overview
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G07DBVR Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN74LVC2G07DBVR Datasheet HTML 10Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 11Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 12Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 13Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 14Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 15Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 16Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 17Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
RESET
GPIO72
GPIO84
TRST
1
0
0
0
0
0
0
x
x
0
1
1
1
1
0
Emulation Boot
Parallel I/O
SCI
Wait
GetMode
BOOT
10MHZ
Q1
36pF
5%
C4
36pF
5%
C3
1M
1%
R7
2K2
1%
R6
GREEN
D1
680R
1%
R1
TP1
100nF
C39
B3F-3152
1
2
S3
2K2
1%
R8
2K2
1%
R9
219-3MST
4
5
6
1
2
3
S1
2K2
1%
R10
GND
GND
+3V3
GND
GND
+3V3
GND
+3V3
GND
+3V3
+3V3
GND
GND
GND
GND
GND
VREFHIB
VREFHIA
RESET#
RESET#
X1
X1
X2
X2
TCK
TDI
TDO
TMS
TRST
TRST
NC
FLT2
FLT1
ERRORSTS
JTAG_TRST
GPIO72
GPIO84
TMS320F28379D
ZWTT
ERRORSTS
U19
FLT1
W12
FLT2
V13
NC
H4
VDDIO25
B1
VDDIO26
F13
VDDIO27
F16
VDDIO28
L14
VDDOSC1
H16
VDDOSC2
H17
VSS1
A1
VSS2
A10
VSS3
A19
VSS4
E5
VSS5
E6
VSS6
E8
VSS7
E12
VSS8
E14
VSS9
E15
VSS10
F5
VSS11
F6
VSS12
F8
VSS13
F12
VSS14
F14
VSS15
F15
VSS16
G16
VSS17
G17
VSS18
H8
VSS19
H9
VSS20
H10
VSS21
H11
VSS22
H12
VSS23
H14
VSS24
H15
VSS25
J5
VSS26
J6
VSS27
J8
VSS28
J9
VSS29
J10
VSS30
J11
VSS31
J12
VSS32
K8
VSS33
K9
VSS34
K10
VSS35
K11
VSS36
K12
VSS37
K14
VSS38
K15
VSS39
L5
VSS40
L6
VSS41
L8
VSS42
L9
VSS43
L10
VSS44
L11
VSS45
L12
VSS46
L18
VSS47
M8
VSS48
M9
VSS49
M10
VSS50
M11
VSS51
M12
VSS52
M14
VSS53
M15
VSS54
N1
VSS55
N5
VSS56
N6
VSS57
P8
VSS58
P11
VSS59
P12
VSS60
P14
VSS61
P15
VSS62
R7
VSS63
R8
VSS64
R14
VSS65
R15
VSS66
W1
VSS67
W7
VSS68
W19
VSSA1
P1
VSSA2
P5
VSSA3
R5
VSSA4
V7
VSSA5
P7
VSSOSC1
H18
VSSOSC2
H19
U14A
TMS320F28379D
ZWTT
TCK
V15
TDI
W13
TDO
W15
TMS
W14
TRST
V14
VDD1
E9
VDD2
F9
VDD3
K5
VDD3VFL1
R11
VDD3VFL2
R12
VDD4
E11
VDD5
F11
VDD6
G14
VDD7
G15
VDD8
J14
VDD9
J15
VDD10
K6
VDD11
R10
VDD12
R13
VDD13
P10
VDD14
P13
VDDA1
R6
VDDA2
P6
VDDIO1
A9
VDDIO2
A18
VDDIO3
E7
VDDIO4
E10
VDDIO5
E13
VDDIO6
E16
VDDIO7
F4
VDDIO8
F7
VDDIO9
F10
VDDIO10
G4
VDDIO11
G5
VDDIO12
G6
VDDIO13
H5
VDDIO14
H6
VDDIO15
L15
VDDIO16
M1
VDDIO17
M5
VDDIO18
M6
VDDIO19
N14
VDDIO20
N15
VDDIO21
P9
VDDIO22
R9
VDDIO23
V19
VDDIO24
W8
VREFHIA
V1
VREFHIB
W5
VREFHIC
R1
VREFHID
V5
VREFLOA
R2
VREFLOB
V6
VREFLOC
P2
VREFLOD
W6
VREGENZ
J18
X1
G19
X2
J19
XRS
F19
U14B
VDDIO
VDDIO
VDDIO
VDDOSC
VSSOSC
VSSOSC
VDDA
VDD
820R
1%
R5
820R
1%
R4
0R
5%
NI
R66
100nF
C84
100nF
C85
GND
+3V3
Copyright © 2017, Texas Instruments Incorporated
2.54mm 1x2
1
2
JP4
2.54mm 1x2
1
2
JP5
+3V3
GND
GND
+5V
GND
GND
+3V3
+5V
RESET#
RESET#
GPIO61/SPIACS
GPIO5/PWMOUT3B
GPIO2/PWMOUT2A
GPIO3/PWMOUT2B
GPIO32
ADCINC3/ANALOGIN
ADCINA3/ANALOGIN
ADCINB3/ANALOGIN
ADCIN15/ANALOGIN
GPIO64/SPIBMISO
GPIO139/SCICRX(->MCU)
GPIO125/SD1CLK2
PWM/BASED/DAC1
PWM/BASED/DAC2
PWM/BASED/DAC4
ADCIN14/ANALOGIN
GPIO60/SPICLKA
GPIO26/SD2D2
GPIO27/SD2CLK2
GPIO4/PWMOUT3A
GPIO65/SPIBCLK
ADCINA2/ANALOGIN
GPIO67
GPIO29/OPXBAR6
GPIO105/I2CSCLA/J1
GPIO104/I2CSDAA/J1
GPIO124/SD1D2
GPIO122/SD1D1
GPIO123/SD1CLK1
ADCINA0/ANALOGIN(DACA)
GPIO24/OPXBAR1
GPIO1/PWMOUT1B
GPIO0/PWMOUT1A
GPIO16/OPXBAR7
ADCINB2/ANALOGIN
GPIO95
GPIO56/SCICIX(<-MCU)
GPIO97
GPIO94
GPIO52/J5
GPIO25/OPXBAR2
GPIO63/SPIBMOSI
GPIO66/SPIBCS
ADCINB4/ANALOGIN
ADCINC4/ANALOGIN
ADCINB5/ANALOGIN
ADCINC5/ANALOGIN
ADCINA1/ANALOGIN(DACB)
GPIO15/OPXBAR4
GPIO7/PWMOUT4B
GPIO6/PWMOUT4A
GPIO22
GPIO111
PWM/BASED/DAC3
ADCINA4/ANALOGIN
ADCINA5/ANALOGIN
ADCINC2/ANALOGIN
GPIO8/PWMOUT5A
GPIO9/PWMOUT5B
GPIO58/SPIAMOSI
GPIO59/SPIAMISO
GPIO11/PWMOUT6B
GPIO10/PWMOUT6A
GPIO14/OPXBAR3
GPIO130/SD2D1
GPIO131/SD2CLK1
GPIO40/I2CSDAB/J5
GPIO41/I2CSCLB/J5
GPIO18
GPIO19
1
2
3
4
5
6
7
8
9
10
J1
1
2
3
4
5
6
7
8
9
10
J3
1
2
3
4
5
6
7
8
9
10
J2
1
2
3
4
5
6
7
8
9
10
J4
+3V3
Analog In
UART RX(->MCU)
UART TX(<-MCU)
GPIO(!)
SPI Clk
I2C SCL
I2C SDA
Analog In
GPIO(!)
+5V
Analog In/I2S WS
Analog In/I2S CLK
Analog Out/I2S DO
Analog Out/I2S DI
Analog In
Analog In
Analog In
Analog In
GND
GPIO(!)
GPIO(!)
GPIO(!)
GPIO(!)
Timer Capture
Timer Capture
PWM Out
PWM Out
PWM Out
PWM Out
GND
GPIO(!)/PWM
GPIO(!)/SPI CS
GPIO
Reset
SPI MOSI
SPI MISO
GPIO(!)/SPI CS
GPIO(!)/SPI CS
GPIO(!)
1
2
3
4
5
6
7
8
9
10
J5
1
2
3
4
5
6
7
8
9
10
J7
+3V3
Analog In
GPIO(!)
SPI Clk
I2C SCL
I2C SDA
Analog In
GPIO(!)
UART TX(<-MCU)
UART RX(->MCU)
+5V
Analog In/I2S WS
Analog In/I2S CLK
Analog Out/I2S DO
Analog Out/I2S DI
Analog In
Analog In
Analog In
Analog In
GND
1
2
3
4
5
6
7
8
9
10
J8
1
2
3
4
5
6
7
8
9
10
J6
GPIO(!)
GPIO(!)
GPIO(!)
GPIO(!)
PWM Out
PWM Out
PWM Out
PWM Out
Timer Capture
Timer Capture
GND
GPIO(!)/PWM
GPIO(!)/SPI CS
GPIO
Reset
SPI MOSI
SPI MISO
GPIO(!)/SPI CS
GPIO(!)/SPI CS
GPIO(!)
Copyright © 2017, Texas Instruments Incorporated
LAUNCHXL-F28379D Hardware
www.ti.com
14
SPRUI77C – August 2016 – Revised March 2019
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
LAUNCHXL-F28379D Overview
Figure 7. P06_BoosterPack Headers
Figure 8. P07_F28379D-PWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com