Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AF/044FR Datasheet(PDF) 18 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AF/044FR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AF/044FR Datasheet(HTML) 18 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AF/044FR Datasheet HTML 14Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 15Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 16Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 17Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 18Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 19Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 20Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 21Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 22Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 113 page
background image
SH79F166A
18
7.
Normal Function
7.1 CPU
7.1.1 CPU Core SFR
Feature
 CPU core registers: ACC, B, PSW, SP, DPL, DPH
Accumulator
ACC is the Accumulator register. The mnemonics for accumulator-specific instructions, however, refer to the Accumulator
simply as A.
B Register
The B register is used during multiply and divide operations. For other instructions it can be treated as another scratch pad
register.
Stack Pointer (SP)
The Stack Pointer Register is 8 bits wide, It is incremented before data is stored during PUSH, CALL executions and it is
decremented after data is out of stack during POP, RET, RETI executions. The stack may reside anywhere in on-chip internal
RAM (00H-FFH). On reset, the Stack Pointer is initialized to 07H causing the stack to begin at location 08H.
Program Status Word Register (PSW)
The PSW register contains program status information.
Table 7.1 PSW Register
D0H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PSW
CY
AC
F0
RS1
RS0
OV
F1
P
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7
CY
Carry flag bit
0: no carry or borrow in an arithmetic or logic operation
1: a carry or borrow in an arithmetic or logic operation
6
AC
Auxiliary Carry flag bit
0: an auxiliary carry or borrow in an arithmetic or logic operation
1: an auxiliary carry or borrow in an arithmetic or logic operation
5
F0
F0 flag bit
Available to the user for general purposes
4-3
RS[1:0]
R0-R7 Register bank select bits
00: Bank0 (Address to 00H-07H)
01: Bank1 (Address to 08H-0FH)
10: Bank2 (Address to 10H-17H)
11: Bank3 (Address to 18H-1FH)
2
OV
Overflow flag bit
0: no overflow happen
1: an overflow happen
1
F1
F1 flag bit
Available to the user for general purposes
0
P
Parity flag bit
0: an even number of “one” bits in the Accumulator
1: an odd number of “one” bits in the Accumulator
Data Pointer Register (DPTR)
DPTR consists of a high byte (DPH) and a low byte (DPL). Its intended function is to hold a 16-bit address, but it may be
manipulated as a 16-bit register or as two independent 8-bit registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com