Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AF/044FR Datasheet(PDF) 57 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AF/044FR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AF/044FR Datasheet(HTML) 57 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AF/044FR Datasheet HTML 53Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 54Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 55Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 56Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 57Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 58Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 59Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 60Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 61Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 113 page
background image
SH79F166A
57
7.9.4 Interrupt Vector
When an interrupt occurs, the program counter is pushed onto the stack and the corresponding interrupt vector address is
loaded into the program counter. The interrupt vector addresses are listed in Interrupt Summary table.
7.9.5 Interrupt Priority
Each interrupt source can be individually programmed to one of four priority levels by setting or clearing corresponding bits in
the interrupt priority control registers IPL0, IPH0, IPL1, and IPH1. But the OVL NMI interrupt has the highest Priority Level
(except RESET) of all the interrupt sources, with no IPH/IPL control. The interrupt priority service is described below.
An interrupt service routine in progress can be interrupted by a higher priority interrupt, but can not by another interrupt with the
same or lower priority.
The highest priority interrupt service cannot be interrupted by any other interrupt source. If two requests of different priority
levels are received simultaneously, the request of higher priority level is serviced.
If requests of the same priority level are pending at the start of an instruction cycle, an internal polling sequence determines
which request is serviced.
Interrupt Priority
Priority bits
Interrupt Lever Priority
IPHx
IPLx
0
0
Level 0 (lowest priority)
0
1
Level 1
1
0
Level 2
1
1
Level 3 (highest priority)
Table 7.44 Interrupt Priority Control Registers
B8H, B4H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
IPL0
-
PADCL
PT2L
PS0L
-
PX1L
PT5L
PX0L
IPH0
-
PADCH
PT2H
PS0H
-
PX1H
PT5H
PX0H
R/W
-
R/W
R/W
R/W
-
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
0
0
0
-
0
0
0
B9H, B5H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
IPL1
PSCML
PT4L
PPWML
PT3L
PX4L
PX3L
PX2L
-
IPH1
PSCMH
PT4H
PPWMH
PT3H
PX4H
PX3H
PX2H
-
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
-
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
-
Bit Number
Bit Mnemonic
Description
7-0
PxxxL/H
Corresponding interrupt source xxx’s priority level selection bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com