Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AF/044FR Datasheet(PDF) 64 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AF/044FR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AF/044FR Datasheet(HTML) 64 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AF/044FR Datasheet HTML 60Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 61Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 62Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 63Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 64Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 65Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 66Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 67Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 68Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 113 page
background image
SH79F166A
64
Table 8.2 LCD Control Register1
ADH, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DISPCON1
-
-
-
RLCD
FCCTL1
FCCTL2
MOD1
MOD0
R/W
-
-
-
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
-
-
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
1-0
MOD[1:0]
LCD Drive mode control bit
00: traditional mode, bias resistor sum is 225K/900K
01: traditional mode, bias resistor sum is 60K
10: fast charge mode, bias resistor sum switch between 60K and 225K/900K
3-2
FCCTL[1:0]
Fast charge time control bit
00: 1/8 LCD com period
01: 1/16 LCD com period
10: 1/32 LCD com period
11: 1/64 LCD com period
4
RLCD
LCD bias resistor control bit
0: LCD bias resistor sum is 225K
1: LCD bias resistor sum is 900K
Table 8.3 LCD CONTRAST Register
ACH, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DISPCLK0
DCK0.7
DCK0.6
DCK0.5
DCK0.4
DCK0.3
DCK0.2
DCK0.1
DCK0.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
AAH, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DISPCLK1
-
-
-
-
-
-
-
DCK1.0
R/W
-
-
-
-
-
-
-
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
-
-
-
-
-
-
0
Bit Number
Bit Mnemonic
Description
0
7-0
DCK1.0
DCK0[7:0]
LCD clock select
0x000: LCD clock = OSCCLK
Others: LCD clock/DISPCLK
Note:
Only when OP_OSC[2:0] is 0000, 1110, DISPCLK register is available.
When [DISPCLK 1, DISPCLK 0] = 0X000, LCD clock = OSCCLK
LCD frame = LCD clock/512.
For example:
When LCD is COM4, OP_OSC[3:0] = 1110, oscillator is 12MHz to get 64HZ LCD frame, DISPCLK = 12M/512/64 = 0x16E, LCD
frame = 12M/366/512 = 64.04Hz in fact.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com