Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AF/044FR Datasheet(PDF) 37 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AF/044FR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AF/044FR Datasheet(HTML) 37 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AF/044FR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 41Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 113 page
background image
SH79F166A
37
PORT2:
- RXD: EUART data input (P2.0)
- TXD: EUART data output (P2.1)
- FLT: Fault input pin (P2.5)
- LCD Segment 9-16 (P2.0-P2.7)
Table 7.21 PORT2 Share Table
Pin No.
Priority
Function
Enable bit
35
1
RXD
Set REN bit in SCON Register (Auto Pull up)
2
SEG9
Clear DISPSEL bit in DISPCON register and set P2S0 bit in P2SS register
3
P2.0
Above condition is not met
36
1
TXD
When Write to SBUF Register
2
SEG10
Clear DISPSEL bit in DISPCON register and set P2S1 bit in P2SS register
3
P2.1
Above condition is not met
37
1
SEG11
Clear DISPSEL bit in DISPCON register and set P2S2 bit in P2SS register
2
P2.2
Above condition is not met
38
1
SEG12
Clear DISPSEL bit in DISPCON register and set P2S3 bit in P2SS register
2
P2.3
Above condition is not met
39
1
SEG13
Clear DISPSEL bit in DISPCON register and set P2S4 bit in P2SS register
2
P2.4
Above condition is not met
40
1
FLT
Set EFLT bit in PWMEN register
2
SEG14
Clear DISPSEL bit in DISPCON register and set P2S5 bit in P2SS register
3
P2.5
Above condition is not met
41
1
SEG15
Clear DISPSEL bit in DISPCON register and set P2S6 bit in P2SS register
2
P2.6
Above condition is not met
42
1
SEG16
Clear DISPSEL bit in DISPCON register and set P2S7 bit in P2SS register
2
P2.7
Above condition is not met
PORT3:
- LED COM1-COM8 (P3.0-P3.7)
- LCD COM1-COM8 (P3.0-P3.7)
- AN4-AN7: ADC input channel (P3.4-P3.7)
Table 7.22 PORT3 Share Table
Pin No.
Priority
Function
Enable bit
19-22
1
AN7-AN4
Set CH7-4 bit in ADCH Register and
set ADON bit in ADCON Register, and set SCH [2:0]
2
LED_C8
-LED_C5
Set P3S7-P3S4 bits in P3SS register and set DISPSEL bit and DUTY bit in
DISPCON register
3
COM8-COM5
Set P3S7-P3S4 bits in P3SS register, clear DISPSEL bit and set DUTY bit in
DISPCON register
4
P3.7-P3.4
Above condition is not met
23-26
1
LED_C4
-LED_C1
Set P3S3-P3S0 bits in P3SS register and set DISPSEL bit and DUTY bit in
DISPCON register
2
COM4-COM1
Set P3S3-P3S0 bits in P3SS register, clear DISPSEL bit and set DUTY bit in
DISPCON register
3
P3.3-P3.0
Above condition is not met



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com