Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AF/044FR Datasheet(PDF) 49 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AF/044FR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AF/044FR Datasheet(HTML) 49 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AF/044FR Datasheet HTML 45Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 46Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 47Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 48Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 49Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 50Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 51Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 52Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 53Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 113 page
background image
SH79F166A
49
Registers
Table 7.32 Timer4 Control Register
C8H, Bank1
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
T4CON
TF4
TC4
T4PS1
T4PS0
T4M1
T4M0
TR4
T4CLKS
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7
TF4
Timer4 overflow flag bit
0: No overflow (cleared by hardware)
1: Overflow (Set by hardware)
6
TC4
Compare function Enable bit
When T4M[1:0] = 00
0: Disable compare function of Timer4
1: Enable compare function of Timer4
When T4M[1:0] = 10 or 11
0: Timer4 can’t be re-trigged
1: Timer4 can be re-trigged
5-4
T4PS[1:0]
Timer4 input clock Prescale Select bits
00: 1/1
01: 1/8
10: 1/64
11: 1/256
3-2
T4M[1:0]
Timer4 Mode Select bit
00: Mode0, 16-bit auto-reload up counter/timer
01: Mode1, baud-rate generator for EUART
10: Mode2 with rising edge trig from pin T4 (system clock only, T4CLKS is invalid)
11: Mode2 with falling edge trig from pin T4 (system clock only, T4CLKS is invalid)
1
TR4
Timer4 start/stop control bit
0: Stop Timer4
1: Start Timer4
0
T4CLKS
Timer4 Clock Source select bit
0: System clock, T4 pin is used as I/O port
1: External clock from pin T4 (On the falling edge), the internal pull-up resister is
turned on
Table 7.33 Timer4 Reload/Counter Data Registers
CCH-CDH, Bank1
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TL4
TL4.7
TL4.6
TL4.5
TL4.4
TL4.3
TL4.2
TL4.1
TL4.0
TH4
TH4.7
TH4.6
TH4.5
TH4.4
TH4.3
TH4.2
TH4.1
TH4.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
TL4.x
Timer4 Low & High byte counter, x = 0 - 7
TH4.x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com