Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AF/044FR Datasheet(PDF) 96 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AF/044FR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AF/044FR Datasheet(HTML) 96 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AF/044FR Datasheet HTML 92Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 93Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 94Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 95Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 96Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 97Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 98Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 99Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 100Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 113 page
background image
SH79F166A
96
8.10.4 Register
Table 8.33 Power Control Register
87H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PCON
SMOD
SSTAT
-
-
GF1
GF0
PD
IDL
R/W
R/W
R/W
-
-
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
-
-
0
0
0
0
Bit Number
Bit Mnemonic
Description
7
SMOD
Baud rate double bit
6
SSTAT
SCON[7:5] function selection bit
3-2
GF[1:0]
General purpose flags for software use
1
PD
Power-Down mode control bit
0: Cleared by hardware when an interrupt or reset occurs
1: Set by software to activate the Power-Down mode
0
IDL
Idle mode control bit
0: Cleared by hardware when an interrupt or reset occurs
1: Set by software to activate the Idle mode
Table 8.34 Suspend Mode Control Register
8EH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SUSLO
SUSLO.7
SUSLO.6
SUSLO.5
SUSLO.4
SUSLO.3
SUSLO.2
SUSLO.1
SUSLO.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
SUSLO[7:0]
This register is used to control the CPU enter suspend mode (Idle or Power-Down).
Only consecutive instructions like below will make CPU enter suspend mode. Other
wise the either SUSLO, IDL or PD bit will be cleared by hardware in the next
machine cycle.
Example:
IDLE_MODE:
MOV
SUSLO, #55H
ORL
PCON, #01H
NOP
NOP
NOP
POWERDOWN_MODE:
MOV
SUSLO, #55H
ORL
PCON, #02H
NOP
NOP
NOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com