Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AF/044FR Datasheet(PDF) 1 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AF/044FR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AF/044FR Datasheet(HTML) 1 Page - SINOWEALTH Electronic Ltd

  SH79F166AF/044FR Datasheet HTML 1Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 2Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 3Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 4Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 5Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 6Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 9Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 113 page
background image
SH79F166A
Enhanced 8051 Microcontroller with 10bit ADC
1
V2.2
1.
Features
8bits micro-controller with Pipe-line structured 8051
compatible instruction set
Flash ROM: 16K Bytes
RAM: internal 256 Bytes, external 256 Bytes, LCD RAM
19Bytes
EEPROM-like: 1K Bytes
Operation Voltage:
fOSC = 32.768kHz - 12MHz, VDD = 2V - 5.5V
Oscillator (code option)
- Crystal oscillator: 32.768kHz
- Crystal oscillator: 2MHz - 12MHz
- Ceramic oscillator: 2MHz - 12MHz
- Internal RC: 12MHz (±2%)/128K
41 CMOS bi-directional I/O pins
Built-in pull-up resistor for input pin
Four 16-bit timer/counters T2, T3,T4 and T5
One 12-bit PWM
Powerful interrupt sources:
- Timer2, 3, 4, 5
- INT0, 1, 2, 3
- INT40, INT41, INT42, INT43
- ADC,EUART,SCM
- PWM
EUART
8channels 10-bits Analog Digital Converter (ADC),
with comparator function built-in
Buzzer
LED driver:
- 8 X 8 dots (1/8 duty)
- 4 X 8 dots (1/4 duty)
LCD driver:
- 8 X 19 dots (1/8 duty 1/4 bias)
- 4 X 19 dots (1/4 duty 1/3 bias)
Low Voltage Reset (LVR) function (enabled by
code option)
- LVR voltage level 1: 4.3V
- LVR voltage level 2: 2.1V
CPU Machine cycle:
1 oscillator clock
Watch Dog Timer (WDT)
Warm-up Timer
Support Low power operation modes:
- Idle Mode
- Power-Down Mode
Flash Type
Package: QFP44/LQFP44
2.
General Description
The SH79F166A is a high performance 8051 compatible micro-controller, regard to its build-in Pipe-line instruction fetch
structure, that helps the SH79F166A can perform more fast operation speed and higher calculation performance, if compare
SH79F166A with standard 8051 at same clock speed.
The SH79F166A retains most features of the standard 8051. These features include internal 256 bytes RAM, UART and
Int0-3.In addition, the SH79F166A provides external 256 bytes RAM, It also contains 16K bytes Flash memory block both for
program and data. Also the ADC and PWM timer functions are incorporated in SH79F166A.
For high reliability and low cost issues, the SH79F166A builds in Watchdog Timer, Low Voltage Reset function. And
SH79F166A also supports two power saving modes to reduce power consumption.


Similar Part No. - SH79F166AF/044FR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SH79F166AF ETC1-SH79F166AF Datasheet
1Mb / 113P
Enhanced 8051 microcontroller with 10-bit ADC
SH79F166AF044FR ETC1-SH79F166AF044FR Datasheet
1Mb / 113P
Enhanced 8051 microcontroller with 10-bit ADC
More results

Similar Description - SH79F166AF/044FR

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH77P1651 SINOWEALTH-SH77P1651 Datasheet
1Mb / 93P
Enhanced 8051 Microcontroller with 10bit ADC
V2.1
SH77P1651A SINOWEALTH-SH77P1651A Datasheet
1Mb / 93P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH79F0819 SINOWEALTH-SH79F0819 Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F081B SINOWEALTH-SH79F081B Datasheet
1Mb / 103P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F083B SINOWEALTH-SH79F083B Datasheet
1Mb / 86P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH79F1612B SINOWEALTH-SH79F1612B Datasheet
1Mb / 97P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F1619 SINOWEALTH-SH79F1619 Datasheet
1Mb / 99P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F1621 SINOWEALTH-SH79F1621 Datasheet
1Mb / 113P
Enhanced 8051 Microcontroller with 10bit ADC
V2.1
SH79M083B SINOWEALTH-SH79M083B Datasheet
1Mb / 86P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79M1612B SINOWEALTH-SH79M1612B Datasheet
1Mb / 96P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com