Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AF/044FR Datasheet(PDF) 67 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AF/044FR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AF/044FR Datasheet(HTML) 67 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AF/044FR Datasheet HTML 63Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 64Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 65Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 66Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 67Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 68Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 69Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 70Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 71Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 113 page
background image
SH79F166A
67
8.2 LED Driver
The LED driver contains a controller, a duty cycle generator with 4/8 Common signal pins and 8 Segment driver pins. Segment
1-8 can also be used as I/O port,When DISPSEL bit is set, LED function is enable,and LCD is disable. It is controlled by the
P0SS, P1SS register.
When MCU enters the Power-Down mode, the LED will be turned off, If 32.768kHz crystal or 128k internal RC works in
Power-down mode,the LED is still working. When OP_LEDCOM = 0 Common and Segment will output low. When
OP_LEDCOM = 1 Common and Segment will output high.
8.2.1 Register
Table 8.8 LED Control Register
ABH, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DISPCON
DISPSEL
LEDON
-
DUTY
-
-
-
-
R/W
R/W
R/W
-
R/W
-
-
-
-
Reset Value
(POR/WDT/LVR/PIN)
0
0
-
0
-
-
-
-
Bit Number
Bit Mnemonic
Description
7
DISPSEL
LCD/LED control bit
0: select LCD driver
1: select LCD drive
6
LEDON
LED on/off control bit
0: Disable LED driver
1: Enable LED drive
4
DUTY
LED duty selection bit
0: 1/4 duty
1: 1/8 duty
Note:
SH79F166A has LCD and LED driver,but can not work in the same time.When DISPSEL = 1, LCD is disable, DISPSEL = 0,
LED is disable.
Table 8.9 LED Clock Control Register
ACH, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DISPCLK0
DCK0.7
DCK0.6
DCK0.5
DCK0.4
DCK0.3
DCK0.2
DCK0.1
DCK0.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
AAH, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DISPCLK1
-
-
-
-
-
-
-
DCK1.0
R/W
-
-
-
-
-
-
-
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
-
-
-
-
-
-
0
Bit Number
Bit Mnemonic
Description
0
7-0
DCK1.0
DCK0[7:0]
LED clock select
0x000: LED clock = OSCCLK
Others: LED clock/DISPCLK
Note:
Only when OP_OSC[2:0] is 000, 101 and 110, DISPCLK register is available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com