Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AF/044FR Datasheet(PDF) 5 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AF/044FR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AF/044FR Datasheet(HTML) 5 Page - SINOWEALTH Electronic Ltd

  SH79F166AF/044FR Datasheet HTML 1Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 2Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 3Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 4Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 5Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 6Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 9Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 113 page
background image
SH79F166A
5
Table 4.1 Pin Function
Pin No.
Pin Name
Default function
Pin No.
Pin Name
Default function
1
PWM01/SEG19/P0.2
P0.2
23
LED_C4/COM4/P3.3
P3.3
2
PWM0/T4/P0.3
P0.3
24
LED_C3/COM3/P3.2
P3.2
*3
T2EX/INT0/P0.4
P0.4
25
LED_C2/COM2/P3.1
P3.1
*4
T2/INT1/P0.5
P0.5
26
LED_C1/COM1/P3.0
P3.0
5
XTALX2/INT2/P0.6
P0.6
27
LED_S1/SEG1/P1.0
P1.0
6
XTALX1/INT3/P0.7
P0.7
28
LED_S2/SEG2/P1.1
P1.1
7
VSS
----
29
LED_S3/SEG3/P1.2
P1.2
8
XTAL1/P5.0
----
30
LED_S4/SEG4/P1.3
P1.3
9
XTAL2/P5.1
----
31
LED_S5/SEG5/P1.4
P1.4
10
RST
————
/P5.2
RST
————
32
LED_S6/SEG6/P1.5
P1.5
11
BUZ/T3/P5.3
P5.3
33
LED_S7/SEG7/P1.6
P1.6
12
VDD
----
34
LED_S8/SEG8/P1.7
P1.7
13
NC
----
35
RXD/SEG9/P2.0
P2.0
14
AVREF/P4.4
P4.4
36
TXD/SEG10/P2.1
P2.1
15
AN3/INT43/P4.3
P4.3
37
SEG11/P2.2
P2.2
16
AN2/INT42/P4.2
P4.2
38
SEG12/P2.3
P2.3
17
AN1/INT41/P4.1
P4.1
39
SEG13/P2.4
P2.4
18
AN0/INT40/P4.0
P4.0
40
FLT/SEG14/P2.5
P2.5
19
AN7/LED_C8/COM8/P3.7
P3.7
41
SEG15/P2.6
P2.6
20
AN6/LED_C7/COM7/P3.6
P3.6
42
SEG16/P2.7
P2.7
21
AN5/LED_C6/COM6/P3.5
P3.5
43
SEG17/P0.0
P0.0
22
AN4/LED_C5/COM5/P3.4
P3.4
44
SEG18/P0.1
P0.1
* Note: P0.4, P0.5 are configured as N-channel open drain I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com