Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AF/044FR Datasheet(PDF) 63 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AF/044FR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AF/044FR Datasheet(HTML) 63 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AF/044FR Datasheet HTML 59Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 60Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 61Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 62Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 63Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 64Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 65Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 66Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 67Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 113 page
background image
SH79F166A
63
8.1.1 Registers
Table 8.1 LCD Control Register
ABH, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DISPCON
DISPSEL
LCDON
ELCC
DUTY
VOL3
VOL2
VOL1
VOL0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7
DISPSEL
LCD/LED control bit
0: select LCD driver
1: select LED drive
6
LCDON
LCD on/off control bit
0: Disable LCD driver
1: Enable LCD drive
5
ELCC
LCD contrast on/off control bit
0: disable contrast
1: enable contrast
4
DUTY
LCD duty selection bit
0: 1/4 duty, 1/3 bias
1: 1/8 duty, 1/4 bias
3-0
VOL[3:0]
LCD contrast control bits
0000: VLCD = 0.531 VDD
0001: VLCD = 0.563 VDD
0010: VLCD = 0.594 VDD
0011: VLCD = 0.625 VDD
0100: VLCD = 0.656 VDD
0101: VLCD = 0.688 VDD
0110: VLCD = 0.719 VDD
0111: VLCD =0.750 VDD
1000: VLCD = 0.781 VDD
1001: VLCD = 0.813 VDD
1010: VLCD = 0.844 VDD
1011: VLCD = 0.875 VDD
1100: VLCD = 0.906 VDD
1101: VLCD = 0.938 VDD
1111/1110: VLCD = 1.000 VDD
Note:
SH79F166A has LCD and LED driver, but can not work in the same time. When DISPSEL = 1, LCD is disable, DISPSEL = 0,
LED is disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com