Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD59150 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LD59150
Description  1.5 A low-dropout linear regulator with programmable soft-start
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD59150 Datasheet(HTML) 5 Page - STMicroelectronics

  LD59150 Datasheet HTML 1Page - STMicroelectronics LD59150 Datasheet HTML 2Page - STMicroelectronics LD59150 Datasheet HTML 3Page - STMicroelectronics LD59150 Datasheet HTML 4Page - STMicroelectronics LD59150 Datasheet HTML 5Page - STMicroelectronics LD59150 Datasheet HTML 6Page - STMicroelectronics LD59150 Datasheet HTML 7Page - STMicroelectronics LD59150 Datasheet HTML 8Page - STMicroelectronics LD59150 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
4
Maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
Input voltage pin
-0.3 to 6
V
VBIAS
Bias supply pin
- 0.3 to 6
V
VOUT
DC output voltage
-0.3 to VIN + 0.3
V
VEN
Enable input voltage
-0.3 to 6
V
VADJ
Adjustable pin voltage
-0.3 to 6
V
VSS
Soft-start pin
-0.3 to 6
V
VPG
Power Good pin
-0.3 to 6
V
IOUT
Output current
Internally limited
mA
PDIS
Maximum power dissipation
Refer to Table 3. Thermal data
W
IPG
Power Good sink current
0 to 1.5
mA
TST
Storage temperature range
-55 to 150
°C
TJ
Operating junction temperature range
-40 to 150
°C
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied. All values are referred to GND.
Table 3. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
47.5
°C/W
RthJC
Thermal resistance junction-case
8
°C/W
Note:
Thermal resistance refers to 4 layer JEDEC PCB (2S2P) test board with thermal vias.
Table 4. ESD data
Symbol
Parameter
DFN10 3 x 3
Unit
HBM
Human body model
± 2000
V
CDM
Charged device model
± 750
V
LD59150
Maximum ratings
DS12455 - Rev 5
page 5/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com