Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD59150 Datasheet(PDF) 15 Page - STMicroelectronics

Part # LD59150
Description  1.5 A low-dropout linear regulator with programmable soft-start
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD59150 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LD59150 Datasheet HTML 11Page - STMicroelectronics LD59150 Datasheet HTML 12Page - STMicroelectronics LD59150 Datasheet HTML 13Page - STMicroelectronics LD59150 Datasheet HTML 14Page - STMicroelectronics LD59150 Datasheet HTML 15Page - STMicroelectronics LD59150 Datasheet HTML 16Page - STMicroelectronics LD59150 Datasheet HTML 17Page - STMicroelectronics LD59150 Datasheet HTML 18Page - STMicroelectronics LD59150 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Table 7. DFN10 (3x3 mm) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
0.85
0.90
A1
0.00
0.05
A3
0.203 Ref.
b
0.20
0.25
0.30
D
2.95
3.00
3.05
D2
2.30
2.40
2.50
e
0.50 BSC
E
2.95
3.00
3.05
E2
1.55
1.65
1.75
E3
0.25 Ref.
E4
0.50 Ref.
L
0.30
0.40
0.50
K
0.275 Ref.
N
10
aaa
0.15
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
Figure 23. DFN10 (3x3 mm) recommended footprint
LD59150
DFN10 (3x3 mm) package information
DS12455 - Rev 5
page 15/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com