Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD59150 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LD59150
Description  1.5 A low-dropout linear regulator with programmable soft-start
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD59150 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LD59150 Datasheet HTML 8Page - STMicroelectronics LD59150 Datasheet HTML 9Page - STMicroelectronics LD59150 Datasheet HTML 10Page - STMicroelectronics LD59150 Datasheet HTML 11Page - STMicroelectronics LD59150 Datasheet HTML 12Page - STMicroelectronics LD59150 Datasheet HTML 13Page - STMicroelectronics LD59150 Datasheet HTML 14Page - STMicroelectronics LD59150 Datasheet HTML 15Page - STMicroelectronics LD59150 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Figure 14. VIN PSRR vs. frequency (VIN = 1.8 V, VOUT = 1.2 V)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
100
1,000
10,000
100,000
1,000,000
10,000,000
Frequency (Hz)
IOUT=1.5A
IOUT= 100mA
CIN = COUT = 10µF, CBIAS = 0.1µF, CSS = 1nF, VIN = 1.8V + VRipple , VOUT = 1.2V, VBIAS = 5V
Figure 15. Noise spectral density
0.001
0.010
0.100
1.000
10.000
100
1000
10000
100000
1000000
10000000
Frequency: f [kHz]
No Load
Iout=500mA
Iout=1A
Iout=1.5A
CIN = COUT = 10μF, CSS = 1nF, CBIAS = 0.1µF, VIN = 1.25V, VOUT = 1V, VBIAS = 5V
Figure 16. Line transient
Figure 17. Load transient
Figure 18. Turn-on time (CSS = 0 nF)
Figure 19. Turn-on time (CSS = 1 nF)
LD59150
Typical performance characteristics
DS12455 - Rev 5
page 12/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com