Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD59150 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LD59150
Description  1.5 A low-dropout linear regulator with programmable soft-start
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD59150 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LD59150 Datasheet HTML 5Page - STMicroelectronics LD59150 Datasheet HTML 6Page - STMicroelectronics LD59150 Datasheet HTML 7Page - STMicroelectronics LD59150 Datasheet HTML 8Page - STMicroelectronics LD59150 Datasheet HTML 9Page - STMicroelectronics LD59150 Datasheet HTML 10Page - STMicroelectronics LD59150 Datasheet HTML 11Page - STMicroelectronics LD59150 Datasheet HTML 12Page - STMicroelectronics LD59150 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Power Good function requires an external pull-up resistor, which may be connected to any potential lower than
5.5 V. PG pin typical current capability is up to 1 mA, so it is advisable to choose a pull-up resistor in the range
from 10 kΩ to 1 MΩ. If Power Good function is not used, PG pin has to remain floating.
6.4
Protection features
Current limit
The LD59150 embeds a constant-current limit circuit, which acts in case of overload or short-circuit on the output,
clamping the load current to a safe value (typ. 3 A).
Normal operation is restored if the overload disappears, but prolonged operation in current limit may lead to high
power dissipation inside the LDO and therefore to thermal shutdown.
Thermal potection
An internal thermal feedback loop disables the output voltage if the die temperature reaches approximately 165
°C. This feature protects the device from an excessive temperature that could lead to a permanent damage of the
LDO.
Once the thermal protection is triggered and the device is shut down, normal operation is automatically recovered
if the die temperature falls below 145 °C (thermal protection hysteresis of 20 °C typically).
Current and thermal limit protections are designed to protect the LDO from an excessive power dissipation and
not intended to replace a proper thermal and electrical design of the application. Continuous operation above the
maximum ratings may lead to permanent damage of the device.
6.5
Power dissipation
An accurate PCB design is recommended, to ensure that the device internal junction temperature is kept below
150 °C, in all the operating conditions. The thermal energy generated by the device flows from the die surface to
the PCB copper area through the package leads.
The PCB copper area acts as a heat sink. The footprint copper pads should be as wide as possible to spread
and dissipate the heat to the surrounding environment. Thermal micro-vias to the inner or backside copper layers
improve the overall thermal performance of the device.
The power dissipation of the LDO depends on the input voltage, output voltage and output current and is given
by:
PD = (VIN - VOUT) x IOUT
(2)
The junction temperature of the device is:
TJ_MAX = TA + RthJA x PD
(3)
where: TJ_MAX is the maximum allowable junction temperature of the die, 150 °C; TA is the ambient temperature;
RthJA is the thermal resistance junction-to-ambient.
With the above equation it is possible to calculate the maximum allowable power dissipation, therefore the
maximum load current for a certain voltage drop. Appropriate de-rating of the operating conditions should be
applied accordingly.
LD59150
Protection features
DS12455 - Rev 5
page 9/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com