Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD59150 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD59150
Description  1.5 A low-dropout linear regulator with programmable soft-start
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD59150 Datasheet(HTML) 1 Page - STMicroelectronics

  LD59150 Datasheet HTML 1Page - STMicroelectronics LD59150 Datasheet HTML 2Page - STMicroelectronics LD59150 Datasheet HTML 3Page - STMicroelectronics LD59150 Datasheet HTML 4Page - STMicroelectronics LD59150 Datasheet HTML 5Page - STMicroelectronics LD59150 Datasheet HTML 6Page - STMicroelectronics LD59150 Datasheet HTML 7Page - STMicroelectronics LD59150 Datasheet HTML 8Page - STMicroelectronics LD59150 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DFN6 (3x3)
Wettable Flanks
Features
•
AEC-Q100 qualified
•
Dual supply pins
–
VIN: 0.8 V to 5.5 V
–
VBIAS: 2.7 V to 5.5 V
•
VOUT range: 0.8 V to 3.6 V
•
Ultra low-dropout: 65 mV typ. (125 mV max.) at 1.5 A
•
High VOUT accuracy
–
0.5% typ. at Tamb
–
2% max.
•
Power Good function
•
Programmable soft-start
•
Thermal shutdown
•
Current limitation circuit
•
Adjustable output voltage
•
Stable with low ESR output capacitor (> 2.2 µF)
•
DFN10 (3x3) mm package with wettable flanks
•
Operating temperature range: - 40 °C + 125 °C
Applications
•
Automotive and industrial post regulation
•
Generic POL
•
Automotive and industrial ASICs and FPGA supply
•
Telecom infrastructure
•
A.D.A.S. (advanced driver-assistance systems)
Description
The LD59150 is a 1.5 A LDO regulator, designed to be used in several environments.
Two versions, Industrial and AEC-Q100 are available.
NMOS topology allows RDS(on) of the pass-element to be reduced, which results in a
very small dropout voltage even with a very low input supply voltage.
Output voltage can be adjusted from 0.8 to 3.6 V, by an external resistor divider.
The programmable soft-start circuit offers the possibility to control the inrush current
at start-up providing a monotonic supply voltage to the load.
The LD59150 has enable pin to turn on/off (EN) the regulator and Power Good to
monitor the regulated output voltage (PG).
The combination of both can be used to set a desired power sequence in case of
multiple regulated rails.
The LD59150 embeds protection functions, such as: current limit and thermal
shutdown.
Maturity status link
LD59150
1.5 A low-dropout linear regulator with programmable soft-start
LD59150
Datasheet
DS12455 - Rev 5 - November 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LD59150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
1.5 A low-dropout linear regulator with programmable soft-start
06-Dec-2022
LD59150PUR STMICROELECTRONICS-LD59150PUR Datasheet
1Mb / 22P
1.5 A low-dropout linear regulator with programmable soft-start
06-Dec-2022
LD59150PURY STMICROELECTRONICS-LD59150PURY Datasheet
1Mb / 22P
1.5 A low-dropout linear regulator with programmable soft-start
06-Dec-2022
LD59150 STMICROELECTRONICS-LD59150_V01 Datasheet
1Mb / 22P
1.5 A low-dropout linear regulator with programmable soft-start
06-Dec-2022
More results

Similar Description - LD59150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
734Kb / 22P
1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS748 TI-TPS748_15 Datasheet
1Mb / 38P
TPS748 1.5-A Low-Dropout Linear Regulator With Programmable Soft-Start
TPS7A74 TI-TPS7A74 Datasheet
2Mb / 39P
TPS7A74 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED AUGUST 2022
TPS7A74 TI-TPS7A74_V01 Datasheet
2Mb / 42P
TPS7A74 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED AUGUST 2022
TPS748A TI-TPS748A Datasheet
1Mb / 30P
TPS748A 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
DECEMBER 2022
TPS748A-Q1 TI-TPS748A-Q1 Datasheet
2Mb / 31P
TPS748A-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
DECEMBER 2022
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150_V01 Datasheet
1Mb / 22P
1.5 A low-dropout linear regulator with programmable soft-start
06-Dec-2022
logo
Texas Instruments
TPS748 TI-TPS748 Datasheet
3Mb / 47P
TPS748 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74801-Q1 TI-TPS74801-Q1_V01 Datasheet
3Mb / 45P
TPS74801-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com