Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD59150 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LD59150
Description  1.5 A low-dropout linear regulator with programmable soft-start
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD59150 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LD59150 Datasheet HTML 7Page - STMicroelectronics LD59150 Datasheet HTML 8Page - STMicroelectronics LD59150 Datasheet HTML 9Page - STMicroelectronics LD59150 Datasheet HTML 10Page - STMicroelectronics LD59150 Datasheet HTML 11Page - STMicroelectronics LD59150 Datasheet HTML 12Page - STMicroelectronics LD59150 Datasheet HTML 13Page - STMicroelectronics LD59150 Datasheet HTML 14Page - STMicroelectronics LD59150 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Figure 8. Bias pin current vs. temperature
0.000
0.200
0.400
0.600
0.800
1.000
1.200
1.400
1.600
1.800
2.000
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
Figure 9. Soft-start charging current vs. temperature
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.800
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
Figure 10. Current limit vs. temperature
0
1
2
3
4
5
6
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
Figure 11. VIN dropout voltage vs. temperature (IOUT = 1.5 A)
20
30
40
50
60
70
80
90
100
110
120
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
Figure 12. VBIAS dropout voltage vs. temperature
(IOUT = 1.5 A)
500
600
700
800
900
1000
1100
1200
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
Figure 13. VBIAS PSRR vs. frequency (VIN = 1.8 V,
VOUT = 1.2 V)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
100
1,000
10,000
100,000
1,000,000
10,000,000
Frequency (Hz)
IOUT= 1.5A
IOUT=100mA
CIN = COUT = 10µF, CBIAS = 0.1µF, CSS = 1nF, VIN = 1.8V, VOUT = 1.2V, VBIAS = 5V + VRipple
LD59150
Typical performance characteristics
DS12455 - Rev 5
page 11/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com