Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD59150 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LD59150
Description  1.5 A low-dropout linear regulator with programmable soft-start
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD59150 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LD59150 Datasheet HTML 2Page - STMicroelectronics LD59150 Datasheet HTML 3Page - STMicroelectronics LD59150 Datasheet HTML 4Page - STMicroelectronics LD59150 Datasheet HTML 5Page - STMicroelectronics LD59150 Datasheet HTML 6Page - STMicroelectronics LD59150 Datasheet HTML 7Page - STMicroelectronics LD59150 Datasheet HTML 8Page - STMicroelectronics LD59150 Datasheet HTML 9Page - STMicroelectronics LD59150 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
5
Electrical characteristics
TJ = - 40 °C to + 125 °C, typical values refer to TJ = + 25 °C, VIN = VOUT + 0.3 V, VEN = 1.1 V, VBIAS = 5 V, IOUT =
50 mA, CIN = COUT = 10 µF, CBIAS = 0.1 µF, CSS = 1 nF unless otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
VOUT+
Vdrop
5.5
V
VBIAS
Bias pin voltage
2.7
5.5
V
VREF
Reference voltage
T = + 25 °C
0.796
0.8
0.804
V
VOUT
Range
VIN = 5.5 V, IOUT = 1.5 A
VREF
3.6
V
Accuracy
50 mA < IOUT < 1.5 A 2.97 V < VBIAS < 5.5 V
-2
± 0.5
+2
%
Line regulation
VOUT(nom) + 0.3 V < VIN < 5.5 V
0.01
%/V
Load regulation
50 mA < IOUT < 1.5 A
0.02
%/A
Vdrop (1)
VIN dropout voltage
IOUT = 1.5 A, VBIAS - VOUT > 3.25 V
65
125
mV
VBIAS dropout voltage
IOUT = 1.5 A VIN = VBIAS
0.92
1.1
V
Icl (2)
Current limit
VOUT = 80% x VOUT(nom)
2.0
3
5.5
A
IBIAS
Bias pin current
0.88
1.5
mA
ISHDN
Shutdown supply current
VEN < 0.4 V (measured through GND)
1
50
µA
IFB
Feedback pin current
-1
0.001
+1
µA
PSRR
Power supply rejection (VIN
to VOUT)
f = 1 kHz, IOUT = 1.5 A VIN = 1.8 V,
VOUT = 1.5 V
70
dB
f = 300 kHz, IOUT = 1.5 A VIN = 1.8 V,
VOUT = 1.5 V
30
Power supply rejection
(VBIAS to VOUT)
f = 1 kHz, IOUT = 1.5 A VIN = 1.8 V,
VOUT = 1.5 V
75
dB
f = 300 kHz, IOUT = 1.5 A VIN = 1.8 V,
VOUT = 1.5 V
40
Noise
Output noise voltage
f = 100 Hz to 100 kHz, IOUT = 1.5 A,
CSS = 1 nF
25xVOUT
µVRMS
ISS
Soft-start charging current
VSS = 0.4 V
0.44
µA
Tstr
Min. start-up time
IOUT = 1 A, CSS = floating
100
µs
VEN-H
Enable input high
1.1
5.5
V
VEN-L
Enable input low
0
0.4
V
VEN-Hyst
Enable hysteresis
50
mV
TDG
Enable deglitch time
20
µs
IEN
Enable pin current
VEN = 5 V
0.1
1
µA
VIT
Power Good threshold
VOUT decreasing
85
90
94
%VOUT
VHYS
Power Good hysteresis
3
%VOUT
LD59150
Electrical characteristics
DS12455 - Rev 5
page 6/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com