Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD59150 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LD59150
Description  1.5 A low-dropout linear regulator with programmable soft-start
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD59150 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LD59150 Datasheet HTML 4Page - STMicroelectronics LD59150 Datasheet HTML 5Page - STMicroelectronics LD59150 Datasheet HTML 6Page - STMicroelectronics LD59150 Datasheet HTML 7Page - STMicroelectronics LD59150 Datasheet HTML 8Page - STMicroelectronics LD59150 Datasheet HTML 9Page - STMicroelectronics LD59150 Datasheet HTML 10Page - STMicroelectronics LD59150 Datasheet HTML 11Page - STMicroelectronics LD59150 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
6
Application information
6.1
Output voltage setting
The output voltage can be set from 0.8 V (VREF) up to the input voltage minus the voltage drop across the pass
transistor (dropout voltage), by connecting a resistor divider between the feedback (FB) pin and the output, thus
allowing a remote voltage sensing.
With reference to the typical circuit shown in Figure 3, the resistor divider can be designed by the following
equation:
VOUT = VREF (1 + R1/R2), with VREF = 0.8 V typ.
It is recommended to use resistors with values in the range from 5 kΩ to 100 kΩ. Lower values can also be
suitable, but current consumption increases.
The following table shows some examples of R1, R2 choices, among standard 1% resistors, to obtain the most
common output voltages.
Table 6. Resistor divider settings for common output voltages
VOUT
R1
R2
0.8 (VFB)
Short
Open
0.9
0.619
4.99
1
1.13
4.53
1.05
1.37
4.42
1.1
1.87
4.99
1.2
2.49
4.99
1.5
4.12
4.75
1.8
3.57
2.87
2.5
3.57
1.69
3.3
3.57
1.15
6.2
Soft-start time programming
The LD59150 provides a monotonic soft-start feature, which is useful in those applications requiring controlled
power-up sequences and low inrush current during the turn-on phase.
The soft-start time, defined as the duration of output voltage ramp, from enable pin assertion to Power Good flag
releasing, can be adjusted by the user through an external capacitor (CSS).
CSS capacitor is charged with a constant current (ISS) and its voltage compared to the internal voltage reference,
therefore the soft-start time can be calculated as follows:
tSS = (VREF x CSS) / ISS
(1)
with VREF = 0.8 V typ., ISS = 0.44 µA typ.
To achieve a good quality, low leakage ceramic capacitors are recommended for CSS.
6.3
Power Good
Power Good function provides a flag showing that the output voltage is in the correct range. Power Good signal is
available on the PG open-drain pin.
A partition of the output voltage (via the output resistor divider), is sensed on the feedback pin.
When the output voltage surpasses VIT + VHYS, Power Good pin is set to high impedance. When VOUT falls below
VIT, the Power Good pin is pulled low.
If the device is disabled (EN pin low), the PG signal is set to low state.
LD59150
Application information
DS12455 - Rev 5
page 8/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com