Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD59150 Datasheet(PDF) 21 Page - STMicroelectronics

Part # LD59150
Description  1.5 A low-dropout linear regulator with programmable soft-start
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD59150 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LD59150 Datasheet HTML 14Page - STMicroelectronics LD59150 Datasheet HTML 15Page - STMicroelectronics LD59150 Datasheet HTML 16Page - STMicroelectronics LD59150 Datasheet HTML 17Page - STMicroelectronics LD59150 Datasheet HTML 18Page - STMicroelectronics LD59150 Datasheet HTML 19Page - STMicroelectronics LD59150 Datasheet HTML 20Page - STMicroelectronics LD59150 Datasheet HTML 21Page - STMicroelectronics LD59150 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 2
Figure 2.
Pin connection (top view) ............................................................. 3
Figure 3.
Typical application circuit ............................................................. 4
Figure 4.
Output voltage vs. temperature and VBIAS (IOUT = 50 mA) ..................................... 10
Figure 5.
Output voltage vs. temperature and VBIAS (IOUT = 1.5 A) ...................................... 10
Figure 6.
Line regulation vs. temperature........................................................ 10
Figure 7.
Load regulation vs. temperature ....................................................... 10
Figure 8.
Bias pin current vs. temperature ....................................................... 11
Figure 9.
Soft-start charging current vs. temperature ................................................ 11
Figure 10.
Current limit vs. temperature ......................................................... 11
Figure 11.
VIN dropout voltage vs. temperature (IOUT = 1.5 A) .......................................... 11
Figure 12.
VBIAS dropout voltage vs. temperature (IOUT = 1.5 A)......................................... 11
Figure 13.
VBIAS PSRR vs. frequency (VIN = 1.8 V, VOUT = 1.2 V) ....................................... 11
Figure 14.
VIN PSRR vs. frequency (VIN = 1.8 V, VOUT = 1.2 V) ......................................... 12
Figure 15.
Noise spectral density .............................................................. 12
Figure 16.
Line transient .................................................................... 12
Figure 17.
Load transient ................................................................... 12
Figure 18.
Turn-on time (CSS = 0 nF) ........................................................... 12
Figure 19.
Turn-on time (CSS = 1 nF) ........................................................... 12
Figure 20.
Turn-on time (CSS = 2.2 nF) .......................................................... 13
Figure 21.
Turn-on time (CSS = 10 nF) .......................................................... 13
Figure 22.
DFN10 (3x3 mm) package outline ...................................................... 14
Figure 23.
DFN10 (3x3 mm) recommended footprint................................................. 15
Figure 24.
DFN10 (3x3 mm) tape and reel........................................................ 16
Figure 25.
DFN10 (3x3 mm) reel oriented ........................................................ 16
LD59150
List of figures
DS12455 - Rev 5
page 21/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com