Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD59150 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LD59150
Description  1.5 A low-dropout linear regulator with programmable soft-start
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD59150 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LD59150 Datasheet HTML 6Page - STMicroelectronics LD59150 Datasheet HTML 7Page - STMicroelectronics LD59150 Datasheet HTML 8Page - STMicroelectronics LD59150 Datasheet HTML 9Page - STMicroelectronics LD59150 Datasheet HTML 10Page - STMicroelectronics LD59150 Datasheet HTML 11Page - STMicroelectronics LD59150 Datasheet HTML 12Page - STMicroelectronics LD59150 Datasheet HTML 13Page - STMicroelectronics LD59150 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
7
Typical performance characteristics
TJ = 25 °C, VIN = VOUT + 0.3 V, VBIAS = 5 V, VOUT = VREF, VEN = 1.1 V, IOUT = 50 mA, CIN = COUT = 10 µF,
CBIAS = 0.1 µF, CSS = 1 nF unless otherwise specified.
Figure 4. Output voltage vs. temperature and VBIAS
(IOUT = 50 mA)
0.780
0.785
0.790
0.795
0.800
0.805
0.810
0.815
0.820
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
VBIAS = 2.97V
VBIAS = 5.5V
VIN = 1.1 V , IOUT = 50 mA, VOUT = VREF
Figure 5. Output voltage vs. temperature and VBIAS
(IOUT = 1.5 A)
0.780
0.785
0.790
0.795
0.800
0.805
0.810
0.815
0.820
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
VBIAS = 2.97V
VBIAS = 5.5V
VIN =1.1 V , IOUT = 1.5 A, VOUT = VREF
Figure 6. Line regulation vs. temperature
-0.200
-0.150
-0.100
-0.050
0.000
0.050
0.100
0.150
0.200
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
VIN = 1.1 V to 5.5 V
Figure 7. Load regulation vs. temperature
-0.200
-0.150
-0.100
-0.050
0.000
0.050
0.100
0.150
0.200
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
IOUT = 50 mA to 1.5 A
LD59150
Typical performance characteristics
DS12455 - Rev 5
page 10/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com