Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet(PDF) 46 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 42Page - STMicroelectronics L9961 Datasheet HTML 43Page - STMicroelectronics L9961 Datasheet HTML 44Page - STMicroelectronics L9961 Datasheet HTML 45Page - STMicroelectronics L9961 Datasheet HTML 46Page - STMicroelectronics L9961 Datasheet HTML 47Page - STMicroelectronics L9961 Datasheet HTML 48Page - STMicroelectronics L9961 Datasheet HTML 49Page - STMicroelectronics L9961 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
5
Application information
5.1
Power supply circuit
Figure 16. Power supply circuit
GADG220620221348SA
Table 33. Recommended power supply components
Components Value Unit
Max.
tolerance
Rating
Comments
LB
1
μH
20%
100 mA
LPF inductance for battery path. The filter cut-off frequency is
fC= 1
2π LBCB1+CB2
CB1
10
μF
10%
50 V
Provide battery stabilization. Filter noise on VB sense line.
CB2
220
nF
10%
50 V
Filter high frequency noise on VB sense line. Place as close as
possible to VB pin.
CCP
68
nF
10%
25 V
Charge pump tank capacitor. Mount as close as possible to VCP pin.
CCP_1
6.8
nF
10%
50 V
Charge pump flying capacitor. Mount as close as possible to
VCP1P/1M pin.
CCP_2
6.8
nF
10%
50 V
Charge pump flying capacitor. Mount as close as possible to
VCP2P/2M pin.
CVREG
4.7
μF
10%
16 V
Tank for the VREG regulator. Mount as close as possible to VREG pin.
Part number C0805C475K4RACAUTO
DB
40
V
The BAT54SWFILMY is recommended for protecting VB against
reverse battery
L9961
Application information
DS14012 - Rev 1
page 46/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com