Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 9Page - STMicroelectronics L9961 Datasheet HTML 10Page - STMicroelectronics L9961 Datasheet HTML 11Page - STMicroelectronics L9961 Datasheet HTML 12Page - STMicroelectronics L9961 Datasheet HTML 13Page - STMicroelectronics L9961 Datasheet HTML 14Page - STMicroelectronics L9961 Datasheet HTML 15Page - STMicroelectronics L9961 Datasheet HTML 16Page - STMicroelectronics L9961 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
TGO2STBY
Maximum delay from receival of GO2STBY
command to L9961 in STANDBY state
Application info
2
4
ms
TGO2SHIP
Time delay for L9961 from received GO2SHIP
command from MCU to enter SHIPMENT - DEEP
SLEEP state
Application info
0
10
ms
IWAKEMAX
VREG current capability in STANDBY to
NORMAL state transition, during TWAKEMAX
interval
Application info
15
mA
TWAKEMAX
MCU time in NORMAL mode to send a WAKEUP
command to L9961
Application info
1
ms
TSTBY2NORMAL
Time to complete STANDBY to NORMAL
transition
From WAKEUP assertion to
VREG_UV release
1
ms
TSHIP2NORMAL
Time to complete SHIPMENT - DEEP SLEEP to
normal transition
From NSHIP assertion to VREG
UV release. No load on VREG,
4.7uF capacitance present.
5
ms
TI2C_READY
I2C settling time
From WAKEUP/NSHIP
assertion to I2C ready
15
ms
TCP_STARTUP Charge pump startup time
From VREG_UV release
(TVREG_UV_BLK expired) to VCP
in range
8
ms
3.3
VREG LDO
L9961 provides a system regulator capable of providing power to the system MCU and other peripheral devices
or circuits. Performances of the regulator vary according L9961 state:
In STANDBY State, the regulated voltage is VVREG_STBY and average current capability is
limited to IVREG_STBY. Line/load regulation performances are reduced to VVREG_LIN_REG_STBY and
VVREG_LOAD_REG_STBY respectively. VREG current limit is still active with a IVREG_CURR_LIM_STBY threshold
In NORMAL State, the regulated voltage is VVREG_NORM, with a IVREG_NORM average current capability.
Line/load regulation performances are defined by VVREG_LIN_REG_NORM and VVREG_LOAD_REG_NORM
respectively. VREG current limit is active with a IVREG_CURR_LIM threshold.
3.3.1
Electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
VB according operating range of Table 4; TJ according operating range of Table 7.
Table 8. VREG electrical parameters
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VVREG_NORM
Regulated voltage
NORMAL state
10 μA<Iload<30 mA
3.23
3.3
3.37
V
IVREG_NORM
Current load range
NORMAL state
Design info
0.01
35
mA
IVREG_CURR_LIM
Current limitation
NORMAL state
VREG=2.7 V
40
mA
IVREG_CURR_LIM_STBY
Current limitation
STANDBY state
VREG=2.6 V
15
85
mA
VVREG_LIN_REG_NORM
Line regulation
NORMAL state
VB from 4.3V to 22 V in 100 μs
Iload=100 μA, 30 mA guaranteed by
design
-150
+150
mV
L9961
VREG LDO
DS14012 - Rev 1
page 13/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com