Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet(PDF) 49 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 45Page - STMicroelectronics L9961 Datasheet HTML 46Page - STMicroelectronics L9961 Datasheet HTML 47Page - STMicroelectronics L9961 Datasheet HTML 48Page - STMicroelectronics L9961 Datasheet HTML 49Page - STMicroelectronics L9961 Datasheet HTML 50Page - STMicroelectronics L9961 Datasheet HTML 51Page - STMicroelectronics L9961 Datasheet HTML 52Page - STMicroelectronics L9961 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
5.5
HS/LS pre-drivers circuit
Figure 20. HS/LS pre-drivers circuit
GADG220620221400SA
L9961
VSD
DCHG
CHG
VSC
P-
P+
RDCHG
RCHG
MDCHG
MCHG
LS configuration
HS configuration
L9961
P-
P+
VSD
DCHG
CHG
VSC
RDCHG
RCHG
MDCHG
MCHG
VB
P-
DR
P+
DR
Table 37. Typical HS/LS Pre-Drivers BOM
Components Value Unit
Max.
tolerance
Rating
Comments
RCHG
2
MΩ
10%
1/10 W Pull-down resistor
RDCHG
2
MΩ
10%
1/10 W Pull-down resistor
MCHG
40 V
Battery charge FET. The STL210N4F7 is suggested
MDCHG
40 V
Battery discharge FET. The STL210N4F7 is suggested
DR
40
V
Recirculation diode. It is intended to protect VSD/VSC pin by
recirculating the energy stored in the parasitic inductance of wires in
case of the discharge phase is sudden interrupted.
5.6
Fuse circuit
Figure 21. Fuse circuit
GADG220620221404SA
P+
REDUNDANT
PROTECTOR
L9961
FUSE
C5
C0
RFUSE
RFUSE_EXT
DZFUSE
MFUSE
FUSE
CFUSE
RPD
L9961
HS/LS pre-drivers circuit
DS14012 - Rev 1
page 49/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com