Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 30Page - STMicroelectronics L9961 Datasheet HTML 31Page - STMicroelectronics L9961 Datasheet HTML 32Page - STMicroelectronics L9961 Datasheet HTML 33Page - STMicroelectronics L9961 Datasheet HTML 34Page - STMicroelectronics L9961 Datasheet HTML 35Page - STMicroelectronics L9961 Datasheet HTML 36Page - STMicroelectronics L9961 Datasheet HTML 37Page - STMicroelectronics L9961 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
Table 25. CHG/DCHG pre-driver electrical parameter
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
Pin
FPRDRV
Pre-driver expected
switching frequency
Application info
2
Hz
DCHG, VSD, VSC,
CHG
CPRDRV_LOAD
Equivalent capacitive load
on CHG/DCGH pins
Application info
10
nF
DCHG, VSD, VSC,
CHG
VGS_ON1
CHG/DCHG ON voltage
VB > 5.0 V
7.2 10.5 11.7
V
DCHG, VSD, VSC,
CHG
VGS_ON2
CHG/DCHG ON voltage
4.3V < VB < 5.0 V
6.0
V
DCHG, VSD, VSC,
CHG
VGS_OFF
CHG/DCHG OFF voltage
I(CHG) = I(DCHG) = 0.450 mA
V(VSx)=0 V
100
mV
DCHG, VSD, VSC,
CHG
IPU
CHG/DCHG current source
V(CHG)-V(VSC)=0 V
V(DCHG)-V(VSD)=0 V
V(VSx)=0 V
-2.4
-0.6
mA
DCHG, VSD, VSC,
CHG
IPD
CHG/DCHG current sink
V(CHG)-V(VSC)=1.4 V
V(DCHG)-V(VSD)=1.4 V
V(VSx)=0 V
12.5 39.2
85
mA
DCHG, VSD, VSC,
CHG
IPD_PEAK
CHG/DCHG current sink
peak
Design info
9
18.5
mA
DCHG, VSD, VSC,
CHG
RPD
CHG/DCHG pulldown
resistance
V(CHG)-V(VSC)=0.3 V
V(DCHG)-V(VSD)=0.3 V
V(VSx)=0 V
35
Ω
DCHG, VSD, VSC,
CHG
3.7.2
FUSE pre-driver
Under certain conditions classified as permanent failures, L9961 can be programmed to activate the FUSE
pre-driver. An external NMOS can be driven to blow up a fuse connected in series to the battery pack positive
terminal.
The following list of failures is classified as permanent:
•
Severe cell UV: aimed at preventing copper deposition (see Section 3.4.1 Cell voltage monitor (Cx))
•
Severe cell OV: aimed at preventing explosion hazard (see Section 3.4.1 Cell voltage monitor (Cx))
•
VB vs. Sum Of Cells plausibility check fail: aimed at preventing BMS permanent malfunction (see
Section 3.4.2 Battery stack monitor (VB))
•
Severe NTC OT: aimed at preventing fire hazard (see Section 3.4.3 Cell temperature monitor (NTC))
•
Persistent charge current: aimed at preventing overcharge (see Section 3.5.3 Overcurrent monitor)
•
Persistent discharge current: aimed at preventing overdischarge (see Section 3.5.3 Overcurrent monitor)
•
Persistent short circuit in discharge: aimed at preventing fire hazard (see Section 3.5.4 Short-circuit in
discharge protection)
In addition to the internal diagnostics, L9961 can also enable the FUSE predriver upon:
•
User request through I2C
FUSE must start from the OFF condition (FUSE_TRIG_FIRE = 01)
FUSE shall be first armed writing FUSE_TRIG_ARM = 10
•
1.
The FUSE can be then fired setting FUSE_TRIG_FIRE = 10 within TFUSE_TIMEOUT, otherwise the fire
command will be discarded
Note:
Rewriting FUSE_TRIG_ARM = 10 while the timeout is running restarts the timer. Writing FUSE_TRIG_FIRE =
01 interrupts the FUSE activation. Writing FUSE_TRIG_ARM = 10 while FUSE_TRIG_FIRE = 10 immediately
fires the FUSE.
•
Secondary protector activation detection: if the FUSE voltage rises above VFUSE_TH for longer than
TFUSE_FILTER, the FUSE pre-driver is enabled and the FUSE_EXT flag is set. Once triggered, the action
can no longer be inhibited unless a GO2SHIP/GO2SLP command is issued.
L9961
HS/LS pre-drivers (CHG/DCHG/FUSE)
DS14012 - Rev 1
page 34/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com